Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS Datasheet (PDF) - Vishay Siliconix

PSS Datasheet PDF - Vishay Siliconix
Part # PSS
Download  PSS Download
File Size   97.58 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Substrates - Conductor Resistor Pattern and Overcoat

PSS Datasheet (PDF)

Go To PDF Page Download Datasheet
PSS Datasheet PDF - Vishay Siliconix

Part # PSS
Download  PSS Click to download

File Size   97.58 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Substrates - Conductor Resistor Pattern and Overcoat

PSS Datasheet (HTML) - Vishay Siliconix


PSS Product details

FEATURES
• Precision conductor and resistor patterns
• TaN and NiCr resistor films
• Resistor tolerance down to 0.1 %
• Silicon nitirde, and polyimide overcoat coatings
• Metallization on 1 or 2 surfaces
• Various substrate materials
• Sputtered / plated metal systems
• Custom sizes from 0.020" x 0.020" to 4.000" x 4.000"
• Quick delivery available

APPLICATIONS
Vishay EFI conductor resistor patterned substrates with optional overcoat coatings are used in the hybrid circuit, microwave,
and telecommunications industries. These conductor resistor patterns are precisely manufactured to be used for precision
current flow, voltage division and RF / Microwave designs. Resistor overcoat options are used for resistor protection and can
be applied and patterned to match the conductor and / or resistor pattern. The conductor resistor patterned substrates are
manufactured using Vishay Electro-Films (EFI) sophisticated thin film equipment and manufacturing technology. The custom
specialty film substrates are visually inspected to MIL-STD-883, method 2032 class H or K.




Similar Part No. - PSS

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
PSS-100-12 WALL-PSS-100-12 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
More results


Similar Description - PSS

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72AD KOA-LR72AD Datasheet
95Kb / 4P
Surface Mount Custom Milli-Ohm Resistor
KLCAB1 KOA-KLCAB1 Datasheet
74Kb / 2P
LTCC multilayer substrates
LR06DL10 KOA-LR06DL10 Datasheet
84Kb / 2P
custom milliohm resistor
logo
American Accurate Compo...
OLRA-1W-10MFB AAC-OLRA-1W-10MFB Datasheet
79Kb / 2P
Custom Made Metal Plate Current Sense Resistor
logo
KOA Speer Electronics, ...
LR09DL1020LJ KOA-LR09DL1020LJ Datasheet
223Kb / 2P
custom milliohm resistor
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
L3020 ETC2-L3020 Datasheet
70Kb / 2P
STANDARD AND CUSTOM
logo
KOA Speer Electronics, ...
LR KOA-LR Datasheet
214Kb / 2P
custom milliohm resistor
logo
Vishay Siliconix
SPF1 VISHAY-SPF1 Datasheet
128Kb / 5P
Thin Film Metallized Plates - Custom Substrates
18-Feb-2021
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com