Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet (PDF) - Vishay Siliconix

INT Datasheet PDF - Vishay Siliconix
Part # INT
Download  INT Download
File Size   140.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Substrates - Metal Via / Multilayer / Lumped Element

INT Datasheet (PDF)

Go To PDF Page Download Datasheet
INT Datasheet PDF - Vishay Siliconix

Part # INT
Download  INT Click to download

File Size   140.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Custom Substrates - Metal Via / Multilayer / Lumped Element

INT Datasheet (HTML) - Vishay Siliconix


INT Product details

FEATURES
• Plated or filled via technology
• Mulitlayer and overcoat patterning
• Lumped element custom substrates
• Al2O3, AlN, and BeO substrate drilling and shaping
• TaN and NiCr resistor films
• Metallization on 1,2, or 4 surfaces
• Various substrate materials
• Sputtered / plated metal systems
• Custom sizes from 0.020" x 0.020" to 4.000" x 4.000"
• Quick delivery available

APPLICATIONS
Vishay EFI custom interconnect substrates are used in military, aerospace, hybrid circuit, telecommunications, microwave, and
industrial applications. These custom interconnect substrates are manufactured to be used in heat transfer connectors, top to
bottom connectors, and RF / microwave designs. Surface connections can be made by plated thru-holes, edge wraps, or filled
via technologies. Custom cutouts of various sizes and shapes can also be created and used to fit into almost any size and
shape. The custom interconnect substrates are manufactured using Vishay Electro-Films (EFI) sophisticated thin film equipment
and manufacturing technology. The custom interconnect substrates are 100 % electrically tested (when applicable) and visually
inspected to MIL-STD-883, method 2032 class H or K.




Similar Part No. - INT

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
Thyristor Surge Suppressors
More results


Similar Description - INT

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
KOA Speer Electronics, ...
KLCAB1 KOA-KLCAB1 Datasheet
74Kb / 2P
LTCC multilayer substrates
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
logo
MTRONPTI
9100R MTRONPTI-9100R Datasheet
73Kb / 1P
SPECIFICATION FOR A LUMPED ELEMENT (LC) FILTER
HC MTRONPTI-HC Datasheet
239Kb / 2P
Broadband Lumped Element Highpass Filter
logo
Riedon Powertron
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
logo
Vishay Siliconix
SPF1 VISHAY-SPF1 Datasheet
128Kb / 5P
Thin Film Metallized Plates - Custom Substrates
18-Feb-2021
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com