Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # INT
Description  Custom Substrates - Metal Via / Multilayer / Lumped Element
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

INT Datasheet(HTML) 2 Page - Vishay Siliconix

  INT Datasheet HTML 1Page - Vishay Siliconix INT Datasheet HTML 2Page - Vishay Siliconix INT Datasheet HTML 3Page - Vishay Siliconix INT Datasheet HTML 4Page - Vishay Siliconix INT Datasheet HTML 5Page - Vishay Siliconix INT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INT
www.vishay.com
Vishay Electro-Films
Revision: 14-Sep-2018
2
Document Number: 61112
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FRONT TO BACK CONTINUITY
For designs requiring metal or electrical connection from the top to the bottom of the substrate, metal via connections will be
used. Metalized Edge Wraps are chosen for applications where soldering to the side of the substrate is desired for connection
to the PCB or module design. Plated thru-holes are used for applications where the module design may require alignment or
soldering pins to be inserted into the holes. Filled vias are used for applications where the strongest electrical connection is
needed or preventing solder migration to the backside. See Fig. 1 below for edge wrap, plated thru-hole, and filled via pictorial
representation.
Note
• These rules apply to the non-vented via side
Fig. 1
METALLIZED EDGE WRAPS
Min. distance from wrap edge to pattern edge
0.005"
Min. tolerance from wrap center to pattern edge
± 0.002"
Wrap diameter (as measured from exit side)
0.8 to 2.0 x substrate thickness
PLATED THRU-HOLES
Min. distance from hole edge to pattern edge
0.005"
Min. tolerance from hole center to pattern edge
± 0.002"
Hole diameter (as measured from exit side)
0.8 to 2.0 x substrate thickness
Min. hole center to hole center spacing
2 x hole diameter
FILLED VIAS
Min. distance from via edge to pattern edge
0.0025"
Min. tolerance from via center to pattern edge
± 0.002"
Min. via center to via center spacing
2 x via diameter
Preferred via diameter (as measured from exit side)
0.8 x substrate thickness
Via diameter range (as measured from exit side)
0.6 - 1.5 x substrate thickness
Min. via diameter
0.007"
Max. via diameter
0.040"
Edge wrap
Plated thru-hole
Filled via



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com