Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # INT
Description  Custom Substrates - Metal Via / Multilayer / Lumped Element
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

INT Datasheet(HTML) 1 Page - Vishay Siliconix

  INT Datasheet HTML 1Page - Vishay Siliconix INT Datasheet HTML 2Page - Vishay Siliconix INT Datasheet HTML 3Page - Vishay Siliconix INT Datasheet HTML 4Page - Vishay Siliconix INT Datasheet HTML 5Page - Vishay Siliconix INT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INT
www.vishay.com
Vishay Electro-Films
Revision: 14-Sep-2018
1
Document Number: 61112
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Custom Substrates - Metal Via / Multilayer / Lumped Element
FEATURES
• Plated or filled via technology
• Mulitlayer and overcoat patterning
• Lumped element custom substrates
•Al2O3, AlN, and BeO substrate drilling and shaping
• TaN and NiCr resistor films
• Metallization on 1,2, or 4 surfaces
• Various substrate materials
• Sputtered / plated metal systems
• Custom sizes from 0.020" x 0.020" to 4.000" x 4.000"
• Quick delivery available
APPLICATIONS
Vishay EFI custom interconnect substrates are used in military, aerospace, hybrid circuit, telecommunications, microwave, and
industrial applications. These custom interconnect substrates are manufactured to be used in heat transfer connectors, top to
bottom connectors, and RF / microwave designs. Surface connections can be made by plated thru-holes, edge wraps, or filled
via technologies. Custom cutouts of various sizes and shapes can also be created and used to fit into almost any size and
shape. The custom interconnect substrates are manufactured using Vishay Electro-Films (EFI) sophisticated thin film equipment
and manufacturing technology. The custom interconnect substrates are 100 % electrically tested (when applicable) and visually
inspected to MIL-STD-883, method 2032 class H or K.
THIN FILM DESIGN GUIDELINES
For further detail, please reference document: Thin Film Design Guide for Custom Substrates (www.vishay.com/doc?49109)
SUBSTRATE MATERIALS
For substrate materials and their properties, please reference datasheet: SPF1 (www.vishay.com/doc?61105)
METAL SYSTEM AND CONDUCTOR PATTERNING
For metal patterning design guidelines please reference datasheet: SPF2 (www.vishay.com/doc?61110)
THIN FILM RESISTORS
For thin film resistors and their properties and design guidelines, please reference datasheet:
PSS (www.vishay.com/doc?61111)
PROTECTIVE COATINGS
For protective coatings or overcoat options and their properties and design guidelines, please reference datasheet PSS:
PSS (www.vishay.com/doc?61111)


Similar Part No. - INT

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
Thyristor Surge Suppressors
More results

Similar Description - INT

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
Bare Metal Element Resistors
logo
KOA Speer Electronics, ...
KLCAB1 KOA-KLCAB1 Datasheet
74Kb / 2P
LTCC multilayer substrates
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
Riedon Powertron
MSR RIEDON-MSR Datasheet
130Kb / 1P
Bare Metal Element Resistors
logo
MTRONPTI
9100R MTRONPTI-9100R Datasheet
73Kb / 1P
SPECIFICATION FOR A LUMPED ELEMENT (LC) FILTER
HC MTRONPTI-HC Datasheet
239Kb / 2P
Broadband Lumped Element Highpass Filter
logo
Riedon Powertron
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
Bare Metal Element Resistors
logo
Vishay Siliconix
SPF1 VISHAY-SPF1 Datasheet
128Kb / 5P
Thin Film Metallized Plates - Custom Substrates
18-Feb-2021
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com