Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # INT
Description  Custom Substrates - Metal Via / Multilayer / Lumped Element
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

INT Datasheet(HTML) 3 Page - Vishay Siliconix

  INT Datasheet HTML 1Page - Vishay Siliconix INT Datasheet HTML 2Page - Vishay Siliconix INT Datasheet HTML 3Page - Vishay Siliconix INT Datasheet HTML 4Page - Vishay Siliconix INT Datasheet HTML 5Page - Vishay Siliconix INT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INT
www.vishay.com
Vishay Electro-Films
Revision: 14-Sep-2018
3
Document Number: 61112
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Via vents are required on one side of the substrate if metals are plated
• See Fig. 2 for via vent pattern example
Fig. 2
SHAPES AND CUT-OUTS
Many circuit designs require custom substrates with different shapes and holes cutout of the parts. These include cutting out
material internal and external to the overall part size and shape.
FILLED VIA VENT NOTES
Min. distance from via vent edge to pattern edge
0.004"
PART SHAPE / CUT-OUTS
Min. distance from cut-out edge to pattern edge
0.003"
Min. tolerance from cut-out edge to pattern edge
± 0.002"
Min. tolerance of cut-out feature
± 0.003"
Min. distance between cut-outs
0.050"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com