Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS3011P Datasheet (PDF) - Semtech Corporation

TDS3011P Datasheet PDF - Semtech Corporation
Part # TDS3011P
Download  TDS3011P Download
File Size   845.66 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Suppressor 1-Line, 30V EOS Protection

TDS3011P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS3011P Datasheet PDF - Semtech Corporation

Part # TDS3011P
Download  TDS3011P Click to download

File Size   845.66 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Suppressor 1-Line, 30V EOS Protection

TDS3011P Datasheet (HTML) - Semtech Corporation


TDS3011P Product details

Description
Transient Diverting Suppressors(TDS) are designed
to provide high energy EOS protection with superior
clamping and temperature characteristics when
compared to standard TVS devices. The device uses a
surge rated FET as the main protection element. During
an EOS event, transient voltage increases beyond the
rated breakdown voltage of the device. The FET in turn
switches on and conducts transient current to ground.
The TDS clamping voltage is nearly constant across the
rated peak pulse current range due to the extremely low
ON Resistance of the FET. Lower clamping voltage at
maximum peak pulse current makes them more suitable
for protecting today’s sensitive IC’s.
TDS3011P is designed to protect voltage bus or data
lines with an operating voltage as high as 30V . It is
rated for a high-energy transient current up to 35A (tp =
8/20μs) and may be used to meet the common industrial
voltage surge standard of +/-2kV per IEC 61000-4-5 (RS =
42Ω, CS= 0.5μF).
TDS3011P is in a small DFN 1.6mm x 1.6mm x 0.55mm
6- Lead package and represents significant board space
savings over traditional SMAJ and SMBJ packaged
devices.

Features
• High ESD withstand Voltage: +/-30kV (Contact) and
+/-30kV (Air) per IEC 61000-4-2
• High peak pulse current capability: 35A (tp = 8/20μs),
2kV (tp = 1.2/50μs, RS = 42Ω ) per IEC 61000-4-5
• High EFT Withstand Voltage: ±4kV (100kHz and 5kHz,
• 5/50ns) IEC 61000-4-4
• Protects one I/O or power line
• Low ESD and clamping voltage
• Working voltage: 30V
• Solid-state technology

Mechanical Characteristics
• Package: DFN 1.6mm x 1.6mm x 0.55mm 6-Lead
• Pb-free, Halogen Free, RoHS/WEEE Compliant
• Molding compound flammability rating: UL 94V-0
• Lead Finish: Lead-free
• Marking: Marking code and Date Code
• Packaging: Tape and Reel

Applications
• IoT Devices
• Notebook and Tablet PC
• USB PD
• Appliances
• VBUS Lines
• Solid-State Switches
• USB Type-C




Similar Part No. - TDS3011P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
DIGITAL PHOSPHOR OSCILLOSCOPES
TDS3012C ETC2-TDS3012C Datasheet
919Kb / 14P
Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
TDS3012C TEKTRONIX-TDS3012C Datasheet
711Kb / 12P
Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3014B ETC1-TDS3014B Datasheet
433Kb / 8P
DIGITAL PHOSPHOR OSCILLOSCOPES
TDS3014C ETC2-TDS3014C Datasheet
919Kb / 14P
Digital Phosphor Oscilloscopes
More results


Similar Description - TDS3011P

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD56201DXX WILLSEMI-ESD56201DXX Datasheet
476Kb / 6P
1-Line, Uni-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD5621WXX WILLSEMI-ESD5621WXX Datasheet
606Kb / 6P
1-Line, Uni-directional, Transient Voltage Suppressor
logo
Semtech Corporation
TDS2211P SEMTECH-TDS2211P Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS3311P SEMTECH-TDS3311P Datasheet
1Mb / 10P
Transient Diverting Suppressor 1-Line, 33V EOS Protection
Rev 2.4 3/23/2021
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4501P SEMTECH-TDS4501P Datasheet
861Kb / 10P
Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection
Rev 2.0 7/2/2021
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com