Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS4501P Datasheet (PDF) - Semtech Corporation

TDS4501P Datasheet PDF - Semtech Corporation
Part # TDS4501P
Download  TDS4501P Download
File Size   861.01 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection

TDS4501P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS4501P Datasheet PDF - Semtech Corporation

Part # TDS4501P
Download  TDS4501P Click to download

File Size   861.01 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection

TDS4501P Datasheet (HTML) - Semtech Corporation


TDS4501P Product details

Description
Transient Diverting Suppressors (TDS) are designed
to provide protection from Electrical Overstress (EOS)
events. They have superior clamping and temperature
characteristics when compared to standard TVS devices.
The device uses a surge rated FET as the main protection
element. A precisely tuned trigger circuit activates the
shunt FET when an EOS event is detected. The TDS
clamping voltage is nearly constant across the rated
peak pulse current range due to the extremely low ON
Resistance of the FET.
TDS4501P is designed to protect voltage bus or data
lines with an operating voltage as high as 45V (24VAC).
It is rated for a high-energy transient current up to 24A
(tp = 8/20μs) and may be used to meet the common
industrial voltage surge standard of ±1kV (RS = 42 Ohms,
CS= 0.5μF).
TDS4501P is in a small DFN 1.6 x1.6 x 0.55mm 6- Lead
package and represents significant board space savings
over traditional TVS solutions.

Features
• High ESD withstand Voltage: ±20kV (Contact) and
±30kV (Air) per IEC 61000-4-2
• High peak pulse current capability:
24A (tp = 8/20μs) per IEC 61000-4-5
±1kV (tp = 1.2/50μs, RS = 42Ω ) per IEC 61000-4-5 for
unsymmetrical lines
• High EFT Withstand Voltage: ±4kV (100kHz and 5kHz,
5/50ns) IEC 61000-4-4
• Protects one I/O or power line
• Working voltage: 45V
• Solid-state technology

Mechanical Characteristics
• Package: DFN 1.6x 1.6 x 0.55mm 6-Lead
• Pb-Free, Halogen Free, RoHS/WEEE Compliant
• Molding compound flammability rating: UL 94V-0
• Lead Finish: Lead-Free
• Marking: Marking code and Date Code
• Packaging: Tape and Reel

Applications
• 24V AC Lines
• IoT Devices
• Smart home devices
• Pachinko Machines
• Thermostats
• Security Cameras
• Industrial Equipment




Similar Part No. - TDS4501P

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS400 TEKTRONIX-TDS400 Datasheet
202Kb / 4P
Differential Preamplifier
logo
Semtech Corporation
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4001P.C SEMTECH-TDS4001P.C Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
logo
Powerex Power Semicondu...
TDS42440 POWEREX-TDS42440 Datasheet
192Kb / 5P
Phase Control Thyristor 2850 Amperes 800 Volts
TDS42640 POWEREX-TDS42640 Datasheet
192Kb / 5P
Phase Control Thyristor 2850 Amperes 800 Volts
More results


Similar Description - TDS4501P

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD56201DXX WILLSEMI-ESD56201DXX Datasheet
476Kb / 6P
1-Line, Uni-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
1-Line, Bi-directional, Transient Voltage Suppressor
ESD5621WXX WILLSEMI-ESD5621WXX Datasheet
606Kb / 6P
1-Line, Uni-directional, Transient Voltage Suppressor
logo
Semtech Corporation
TDS2211P SEMTECH-TDS2211P Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS3011P SEMTECH-TDS3011P Datasheet
845Kb / 8P
Transient Diverting Suppressor 1-Line, 30V EOS Protection
Rev 2.0 6/16/2021
TDS3311P SEMTECH-TDS3311P Datasheet
1Mb / 10P
Transient Diverting Suppressor 1-Line, 33V EOS Protection
Rev 2.4 3/23/2021
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com