Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25-2V Datasheet (PDF) - Eaton All Rights Reserved.

EPM25-2V Datasheet PDF - Eaton All Rights Reserved.
Part # EPM25-2V
Download  EPM25-2V Download
File Size   1247.56 Kbytes
Page   10 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 60 Watt isolated DC-DC converter

EPM25-2V Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM25-2V Datasheet PDF - Eaton All Rights Reserved.

Part # EPM25-2V
Download  EPM25-2V Click to download

File Size   1247.56 Kbytes
Page   10 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description 60 Watt isolated DC-DC converter

EPM25-2V Datasheet (HTML) - Eaton All Rights Reserved.


EPM25-2V Product details

Product features
• 60 Watt isolated DC-DC converter
• Input voltage: 9 Vdc - 36 Vdc
18 Vdc - 75 Vdc
• 2.0” x 1.0 “ package
• Efficiency up to 92%
• Isolation voltage: 1.6 kVdc
• EMI class A without external circuit
• Operating ambient temperature from
-40 °C to +105 °C
• No minimum load required
• EN62368-1/ IEC62368-1 certified
• Remote On/OFF

Applications
• Computing/telecom
• Distributed power architectures
• Servers and workstations
• LAN / WAN applications
• Data processing applications
• Industrial IoT equipment, sensors
• Power supply, battery backup
• Wireless TX/RX modules
• Renewable energy products




Similar Part No. - EPM25-2V

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
15 Watt isolated DC-DC converter
March 2022
More results


Similar Description - EPM25-2V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
60 Watt | DC-DC Converter
logo
Bothhand USA, LP.
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
1.8 Watt Isolated DC-DC Converter
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
60 Watt | DC-DC Converter
logo
Bothhand USA, LP.
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
2 Watt Isolated DC-DC Converter
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
2 Watt Isolated DC-DC Converter
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
15 Watt isolated DC-DC converter
March 2022
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com