Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25-2V Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # EPM25-2V
Description  60 Watt isolated DC-DC converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25-2V Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  EPM25-2V Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25-2V Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Technical Data ELX1168
Effective March 2022
EPM25-2V 60 W
60 Watt isolated DC-DC converter
www.eaton.com/electronics
Part number
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
@ full load
(mA)
Efficiency1
minimum
Efficiency1
typical
Capacitive load2
maximum
(μF)
EPM25362V-3R3-12RS
9-36
Nominal 24
3.3
12000
88%
89%
28000
EPM25362V-05R-12RS
9-36
Nominal 24
5
12000
90%
91%
28000
EPM25362V-12R-5R0S
9-36
Nominal 24
12
5000
90%
91%
5850
EPM25362V-15R-4R0S
9-36
Nominal 24
15
4000
91%
92%
3900
EPM25362V-24R-2R5S
9-36
Nominal 24
24
2500
91%
92%
2000
EPM25362V-12R-2R5D
9-36
Nominal 24
±12
±2500
90%
91%
±3900
EPM25362V-15R-2R0D
9-36
Nominal 24
±15
±2000
90%
91%
±2400
EPM25752V-3R3-12RS
18-75
Nominal 48
3.3
12000
88%
89%
28000
EPM25752V-05R-12RS
18-75
Nominal 48
5
12000
90%
91%
28000
EPM25752V-12R-5R0S
18-75
Nominal 48
12
5000
91%
92%
5850
EPM25752V-15R-4R0S
18-75
Nominal 48
15
4000
91%
92%
3900
EPM25752V-24R-2R5S
18-75
Nominal 48
24
2500
91%
92%
2000
EPM25752V-12R-2R5D
18-75
Nominal 48
±12
±2500
89%
90%
±3900
EPM25752V-15R-2R0D
18-75
Nominal 48
±15
±2000
89%
90%
±2400
1. Efficiency is nominal input voltage and full load @ +25 °C.
2. Capacitive load is tested at minimum input voltage and a constant resistive load.
3. All specifications valid at nominal input voltage, full load and +25 °C after warm-up time unless otherwise stated.
Selection guide
Derating curve
Measure method



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com