Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0111 Datasheet (PDF) - Renesas Technology Corp

F0111 Datasheet PDF - Renesas Technology Corp
Part # F0111
Download  F0111 Download
File Size   1450.34 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz

F0111 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0111 Datasheet PDF - Renesas Technology Corp

Part # F0111
Download  F0111 Click to download

File Size   1450.34 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz

F0111 Datasheet (HTML) - Renesas Technology Corp


F0111 Product details

Features
• RF range: 2200MHz to 4200MHz
o F0109: 650MHz to 1000MHz
o F0110: 1500MHz to 2300MHz
• 18.5dB typical gain at 2600MHz
• 0.55dB typical NF at 2600MHz
• +38.5dBm typical OIP3 at 2600MHz
• 50Ω Single-ended input/output impedances
• +5V power supply
• ICC = 45mA per channel
• Independent channel standby modes for power
savings
• 1.8V logic standby control
• Operating temperature (TEP) range: -40°C to
+105°C
• 4 × 4 mm, 16-VFQFPN package
Applications
• 3G, 4G, 5G wireless infrastructure
• Public safety infrastructure
• General-purpose RF




Similar Part No. - F0111

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
F0111-A TEC-F0111-A Datasheet
206Kb / 3P
Accessories Power Relay RM
2009/10 Rev. IJ1
More results


Similar Description - F0111

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
logo
Intersil Corporation
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
Dual Ultra Low Noise Amplifier
May 4, 2005
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
logo
RF Micro Devices
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
Dual Ultra Low Noise Amplifier
May 3, 2007
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
Dual Ultra Low Noise Amplifier
F0109 RENESAS-F0109 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
Jan 13, 2022
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com