Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0109 Datasheet (PDF) - Renesas Technology Corp

F0109 Datasheet PDF - Renesas Technology Corp
Part # F0109
Download  F0109 Download
File Size   1070.76 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz

F0109 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0109 Datasheet PDF - Renesas Technology Corp

Part # F0109
Download  F0109 Click to download

File Size   1070.76 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz

F0109 Datasheet (HTML) - Renesas Technology Corp


F0109 Product details

Features
• RF range: 650MHz to 1000MHz
o F0110: 1500MHz to 2300MHz
o F0111: 2500MHz to 2700MHz
• 18dB typical gain at 850MHz
• 0.5dB typical NF at 850MHz
• 40dBm typical OIP3 at 850MHz
• 50Ω single-ended input/output impedances
• +5V power supply
• ICC = 58mA per channel
• Independent channel standby modes for power
savings
• 1.8V logic standby control
• Operating temperature (TEP) range: -40°C to
+105°C
• 4 × 4 mm, 16-VFQFPN package
Applications
• 3G, 4G, 5G wireless infrastructure
• Public safety infrastructure
• General purpose RF




Similar Part No. - F0109

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
More results


Similar Description - F0109

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
Dual Ultra Low Noise Amplifier
May 4, 2005
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
Dual Ultra Low Noise Amplifier
May 3, 2007
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
Dual Ultra Low Noise Amplifier
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com