Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0109 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0109 Datasheet HTML 1Page - Renesas Technology Corp F0109 Datasheet HTML 2Page - Renesas Technology Corp F0109 Datasheet HTML 3Page - Renesas Technology Corp F0109 Datasheet HTML 4Page - Renesas Technology Corp F0109 Datasheet HTML 5Page - Renesas Technology Corp F0109 Datasheet HTML 6Page - Renesas Technology Corp F0109 Datasheet HTML 7Page - Renesas Technology Corp F0109 Datasheet HTML 8Page - Renesas Technology Corp F0109 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Datasheet
F0109
Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 1
The F0109 is a dual-path 650MHz to 1GHz high
gain/ultra-low noise amplifier used in receiver
applications.
The F0109 LNA is operated as a balanced amplifier
where the inputs and outputs are combined using
external 90° couplers and provides 18dB of typical
gain with 0.5dB of typical noise figure and 40dBm
OIP3 performance. The device uses a single 5V
supply and 115mA typical of total ICC.
The F0109 is packaged in a 4 × 4 mm, 16-VFQFPN
with 50Ω single-ended RF input and output
impedances for ease of integration into the signal
path.
Competitive Advantage
•
Ultra-low noise performance of 0.5dB over wide
bandwidths improves receiver sensitivity
•
High gain and linearity
Features
•
RF range: 650MHz to 1000MHz
o
F0110: 1500MHz to 2300MHz
o
F0111: 2500MHz to 2700MHz
•
18dB typical gain at 850MHz
•
0.5dB typical NF at 850MHz
•
40dBm typical OIP3 at 850MHz
•
50Ω single-ended input/output impedances
•
+5V power supply
•
ICC = 58mA per channel
•
Independent channel standby modes for power
savings
•
1.8V logic standby control
•
Operating temperature (TEP) range: -40°C to
+105°C
•
4 × 4 mm, 16-VFQFPN package
Applications
•
3G, 4G, 5G wireless infrastructure
•
Public safety infrastructure
•
General purpose RF
Figure 1. Block Diagram


Similar Part No. - F0109

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
More results

Similar Description - F0109

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
Dual Ultra Low Noise Amplifier
May 4, 2005
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
Dual Ultra Low Noise Amplifier
October 19, 2006
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
Dual Ultra Low Noise Amplifier
May 3, 2007
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
Dual Ultra Low Noise Amplifier
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com