Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0109 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0109
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0109 Datasheet HTML 9Page - Renesas Technology Corp F0109 Datasheet HTML 10Page - Renesas Technology Corp F0109 Datasheet HTML 11Page - Renesas Technology Corp F0109 Datasheet HTML 12Page - Renesas Technology Corp F0109 Datasheet HTML 13Page - Renesas Technology Corp F0109 Datasheet HTML 14Page - Renesas Technology Corp F0109 Datasheet HTML 15Page - Renesas Technology Corp F0109 Datasheet HTML 16Page - Renesas Technology Corp F0109 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 13
6.
Application Information
The F0109 has been optimized for use in high performance RF applications ranging from 0.65GHz to 1GHz.
6.1
Power Supplies
Use a common VCC power supply for all pins requiring DC power. Bypass all supply pins with external capacitors
to minimize noise and fast transients. Supply noise can degrade noise figure and fast transients can trigger ESD
clamps and cause them to fail. Supply voltage change, or transients should have a slew rate smaller than
1V/20µs. In addition, keep all control pins at 0V (±0.3V) while the supply voltage ramps or while it returns to zero.
6.2
Startup Condition
At device power-up, both channels default to the power state as determined by the logic present on the STBY1
and STBY2 pins.
7.
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website (see package links in Ordering Information). The package information is the most current data available
and is subject to change without revision of this document.
8.
Ordering Information
Part Number
Package Description
MSL Rating
Carrier type
Temp. Range
F0109NBTI
4 × 4 × 0.75 mm 16-VFQFPN
1
Tray
-40° to +105°C
F0109NBTI8
4 × 4 × 0.75 mm 16-VFQFPN
1
Tape and Reel
-40° to +105°C
F0109EVB
Evaluation Board
Table 3. Pin1 Orientation in Tape and Reel Packaging
Part Number Suffix
Pin 1 Orientation
Illustration
BTI8
Quadrant 1 (EIA-481-C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com