Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet (PDF) - Renesas Technology Corp

F0440 Datasheet PDF - Renesas Technology Corp
Part # F0440
Download  F0440 Download
File Size   3274.47 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Matched Broadband RF DVGA 400MHz to 2700MHz

F0440 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0440 Datasheet PDF - Renesas Technology Corp

Part # F0440
Download  F0440 Click to download

File Size   3274.47 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Matched Broadband RF DVGA 400MHz to 2700MHz

F0440 Datasheet (HTML) - Renesas Technology Corp


F0440 Product details

Features
 Dual Path RF amp and DSAs for Diversity / MIMO Receivers
 RF: 400MHz to 2700MHz
 < 2dB overshoot between DSA transitions
 11.6dB typical max gain at 900MHz
 DSA0 is a single 6dB coarse step
 DSA1 has 23dB total gain range in 1dB steps
 DSA2 has 18dB gain range in 6dB steps
 +41dBm OIP3 at 2000MHz
 4.7dB Noise Figure at 900MHz
 +5V Supply Voltage
 ICC = 245mA
 Independent standby: 7mA standby current
 SPI interface for DSA1
 1-bit control for DSA0
 2-bit control for DSA2
 50Ω input and output impedance
 Broadband, Internally Matched
 6 x 6 mm, 36-TQFN package




Similar Part No. - F0440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440EVBI RENESAS-F0440EVBI Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440NBGI RENESAS-F0440NBGI Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440NBGI8 RENESAS-F0440NBGI8 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
More results


Similar Description - F0440

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com