Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Dual Matched Broadband RF
DVGA 400MHz to 2700MHz
F0440
Datasheet
© 2021 Renesas Electronics Corporation
1
November 4, 2021
Description
This document describes the specifications for the F0440
400MHz to 2700MHz Dual RF Digital Variable Gain Amplifier
designed for use in receivers.
F0440 Dual RF DVGA provides two independent receiver paths
each with 11.6dB typical maximum gain and 4.7dB noise figure in
the low-band configuration designed to operate with a single +5V
supply. For each path Gain control is split into 3 separate
attenuators; DSA0 is a single 6dB step using a single control pin,
DSA1 includes 23dB SPI-controlled gain adjustment in 1dB steps,
and DSA2 includes 18dB attenuation in 6dB steps controlled
using two control pins. F0440 offers +40dBm nominal output IP3
using 245mA total ICC.
This device is packaged in a 6mm x 6mm, 36-pin TQFN with 50
ohm single-ended RF input and RF output impedances for ease
of integration into the signal-path lineup for each of the two paths.
Competitive Advantage
High Reliability
High Linearity
Low DC current
Zero DistortionTM technology
GlitchFreeTM technology
Typical Applications
Multi-mode, Multi-carrier Receivers
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Distributed Antenna Systems
Digital Radio
Table 1. Typical Band Performance Summary
RF Frequency (MHz)
900
2000
2700
Max Gain (dB)
11.6
11.4
11.6
NF at max gain (dB)
4.7
4.9
5.2
OIP3 at max gain (dBm)
+40
+41
+38
OP1dB at max gain (dBm)
+20.2
+19.8
+18.9
DC current (mA)
245
245
245
Power Dissipation (mW)
1225
1225
1225
Features
Dual Path RF amp and DSAs for Diversity / MIMO Receivers
RF: 400MHz to 2700MHz
< 2dB overshoot between DSA transitions
11.6dB typical max gain at 900MHz
DSA0 is a single 6dB coarse step
DSA1 has 23dB total gain range in 1dB steps
DSA2 has 18dB gain range in 6dB steps
+41dBm OIP3 at 2000MHz
4.7dB Noise Figure at 900MHz
+5V Supply Voltage
ICC = 245mA
Independent standby: 7mA standby current
SPI interface for DSA1
1-bit control for DSA0
2-bit control for DSA2
50Ω input and output impedance
Broadband, Internally Matched
6 x 6 mm, 36-TQFN package
Block Diagram
Figure 1. Block Diagram
SPI Data
SPI CLK
SPI CSb
RFIN_A
RFIN_B
RFOUT_A
RFOUT_B
DSA0
DSA2
6mm x 6mm
F0440
STBY
RF AMP
VCTRL0
Decode
Logic / Bias
DSA1
6dB
23dB
18dB
2
VCTRL1
VCTRL2
2
2
2
2


Similar Part No. - F0440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440EVBI RENESAS-F0440EVBI Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440NBGI RENESAS-F0440NBGI Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0440NBGI8 RENESAS-F0440NBGI8 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
More results

Similar Description - F0440

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com