Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp F0440 Datasheet HTML 14Page - Renesas Technology Corp F0440 Datasheet HTML 15Page - Renesas Technology Corp F0440 Datasheet HTML 16Page - Renesas Technology Corp F0440 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
13
November 4, 2021
Typical Performance Characteristics [Compression]
Figure 9. Gain Compression [900MHz]
Figure 10. Phase Compression [900MHz]
Figure 11. Gain Compression [2000MHz]
Figure 12. Phase Compression [2000MHz ]
Figure 13. Gain Compression [2700MHz ]
Figure 14. Phase Compression [2700MHz]
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V
-30
-25
-20
-15
-10
-5
0
5
10
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V
-30
-25
-20
-15
-10
-5
0
5
10
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V
-30
-25
-20
-15
-10
-5
0
5
10
10
12
14
16
18
20
22
Output Power (dBm)
-40C case / 4.75V
-40C case / 5.00V
-40C case / 5.25V
25C case / 4.75V
25C case / 5.00V
25C case / 5.25V
105C case / 4.75V
105C case / 5.00V
105C case / 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com