Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0440 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 20Page - Renesas Technology Corp F0440 Datasheet HTML 21Page - Renesas Technology Corp F0440 Datasheet HTML 22Page - Renesas Technology Corp F0440 Datasheet HTML 23Page - Renesas Technology Corp F0440 Datasheet HTML 24Page - Renesas Technology Corp F0440 Datasheet HTML 25Page - Renesas Technology Corp F0440 Datasheet HTML 26Page - Renesas Technology Corp F0440 Datasheet HTML 27Page - Renesas Technology Corp F0440 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
24
November 4, 2021
Table 18. Bill of Material (BOM)
Part Reference
QTY
Description
Mfr. Part #
Mfr.
C1, C2, C21, C28
4
47pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H470J
Murata
C3, C4, C6, C10, C11,
C16, C22, C24, C26, C27
10 2pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H2R0B
Murata
C12, C14, C17, C20
4
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102J
Murata
C13, C15, C18, C19
4
0.1uF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
Murata
R1, R3, R4, R6, R10,
R11, R13, R17, R18, R19
10 5.11kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF5111X
Panasonic
R21, R22, R23, R24
4
0Ω Resistors (0402)
ERJ-2GE0R00X
Panasonic
R25
1
6.04kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF6041X
Panasonic
R26
1
2.37kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2371X
Panasonic
J1, J3, J5, J9, J14
5
Edge Launch SMA (0.375 inch pitch ground tabs)
142-0701-851
Emerson Johnson
J4, J11
2
CONN HEADER VERT SGL 3 X 1 POS GOLD,
Mount jumpers to GND
961103-6404-AR
3M
J6, J10, J12, J15
4
CONN HEADER VERT SGL 2 X 1 POS GOLD
Mount jumpers
961102-6404-AR
3M
J7, J8
2
DNP
67997-106HLF
FCI
J13
1
CONN HEADER VERT SGL 11 X 2 POS GOLD
67997-122HLF
FCI
C5, C7, C8, C9, C23,
C25, C29, C30, R2, R5,
R15, R20, R7, R8, R9,
R12, R14, R16
DNP
U1
1
DVGA
F0440NGBI
IDT
1
Printed Circuit Board
F0440 EVKIT REV 01
IDT
1
PCB Schematic (Rev 01)
IDT
Applications Information
F0440 has been optimized for use in high performance RF applications from 400MHz to 2700MHz.
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade noise figure and fast transients can trigger ESD clamps and cause them to fail.
Supply voltage change or transients should have a slew rate smaller than 1V/20µS. In addition, all control pins should remain at 0V (±0.3V)
while the supply voltage ramps or while it returns to zero.
GND Jumpers
Jumpers J6 and J10 must be grounded (header in place) for optimum RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com