Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2950 Datasheet (PDF) - Renesas Technology Corp

F2950 Datasheet PDF - Renesas Technology Corp
Part # F2950
Download  F2950 Download
File Size   5433.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz

F2950 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2950 Datasheet PDF - Renesas Technology Corp

Part # F2950
Download  F2950 Click to download

File Size   5433.6 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz

F2950 Datasheet (HTML) - Renesas Technology Corp


F2950 Product details

Features
■ Low insertion loss: 0.58dB at 2.5GHz
■ High isolation: 44dB at 2.5GHz
■ Excellent linearity:
● IIP3 +69dBm at 2.4GHz and 5.9GHz
● IIP2 +111dBm at 2.4GHz
● IIP2 +122dBm at 5.9GHz
■ Second Harmonic: -93dBc at 5.9GHz
■ Third Harmonic: -85dBc at 5.9GHz
■ Typical switching speed: 170ns
■ Supply voltage: +2.7V to +5.5V
■ 1.8V and 3.3V compatible control logic
■ -40°C to +105°C operating temperature range
■ 1.5 × 1.5 mm, 6-DFN package




Similar Part No. - F2950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2950 RENESAS-F2950 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950EVBI RENESAS-F2950EVBI Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950NEGK RENESAS-F2950NEGK Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950NEGK8 RENESAS-F2950NEGK8 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
More results


Similar Description - F2950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2950 RENESAS-F2950 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com