Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2950 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2950 Datasheet HTML 1Page - Renesas Technology Corp F2950 Datasheet HTML 2Page - Renesas Technology Corp F2950 Datasheet HTML 3Page - Renesas Technology Corp F2950 Datasheet HTML 4Page - Renesas Technology Corp F2950 Datasheet HTML 5Page - Renesas Technology Corp F2950 Datasheet HTML 6Page - Renesas Technology Corp F2950 Datasheet HTML 7Page - Renesas Technology Corp F2950 Datasheet HTML 8Page - Renesas Technology Corp F2950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
F2950
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
R35DS0038EU0101 Rev.1.01
Mar 9, 2022
Page 1
© 2017-2022 Renesas Electronics
The F2950 is a high power, reflective 50Ω, single-
pole double-throw (SP2T) RF switch. This device
covers a 100MHz to 8GHz frequency range to
support a wide variety of applications including
WLAN 802.11.
The F2950 uses a single positive supply voltage and
is compatible with both 1.8V and 3.3V control logic.
Competitive Advantage
The F2950 provides extremely low insertion loss
across a very broad bandwidth while providing high
linearity performance across its operating range.
■ Optimized for Wi-Fi applications
■ Wide bandwidth
■ Low insertion loss
■ Excellent linearity
■ High power handling for large peak-to-average
applications
■ Fast switching
■ No external matching required
■ Minimal footprint
Typical Applications
■ 802.11 Wi-Fi
■ Wireless Access Points, Gateways and Router
Applications
■ LTE and 4G Communication Systems
■ 2-Way Radios
■ General Purpose
Features
■ Low insertion loss: 0.58dB at 2.5GHz
■ High isolation: 44dB at 2.5GHz
■ Excellent linearity:
● IIP3 +69dBm at 2.4GHz and 5.9GHz
● IIP2 +111dBm at 2.4GHz
● IIP2 +122dBm at 5.9GHz
■ Second Harmonic: -93dBc at 5.9GHz
■ Third Harmonic: -85dBc at 5.9GHz
■ Typical switching speed: 170ns
■ Supply voltage: +2.7V to +5.5V
■ 1.8V and 3.3V compatible control logic
■ -40°C to +105°C operating temperature range
■ 1.5 × 1.5 mm, 6-DFN package
Block Diagram
Figure 1. Block Diagram
RF2
RF1
RFC
VCTL
VCC


Similar Part No. - F2950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2950 RENESAS-F2950 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950EVBI RENESAS-F2950EVBI Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950NEGK RENESAS-F2950NEGK Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
F2950NEGK8 RENESAS-F2950NEGK8 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
More results

Similar Description - F2950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2950 RENESAS-F2950 Datasheet
4Mb / 19P
High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com