Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5268 Datasheet (PDF) - Renesas Technology Corp

F5268 Datasheet PDF - Renesas Technology Corp
Part # F5268
Download  F5268 Download
File Size   277.81 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 26GHz 8-Channel, Half-Duplex Transceiver IC

F5268 Datasheet (PDF)

Go To PDF Page Download Datasheet
F5268 Datasheet PDF - Renesas Technology Corp

Part # F5268
Download  F5268 Click to download

File Size   277.81 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 26GHz 8-Channel, Half-Duplex Transceiver IC

F5268 Datasheet (HTML) - Renesas Technology Corp


F5268 Product details

Features
■ 24.25 - 27.5GHz operation (5G NR n258/n261)
■ 8 radiation channels
■ 100ns typical TX/RX mode switching time
■ 20ns typical gain and phase settling time
■ 1.4° typical RMS phase error
■ 0.2dB typical RMS gain error
■ 30.5dB gain attenuation range
■ Integrated PTAT, PTAT2, and Bandgap generator
■ Internal temperature sensor and power detector
■ 4-bit chip address (hard-wired/programmable)
■ Up to 65MHz SPI control
■ 2048 on-chip programmable beam states
■ Analog supply voltage: +2.4V to +2.6V
■ Dedicated PA supply voltage: selectable between
+2.4V to +2.6V and +3.0V to +3.3V
■ 5.1 × 5.1 × 0.8 mm, 118-FCCSP package
■ -40°C to +95°C operating temperature range
Applications
■ 5G Single/Dual-Polarization Phased-Array
Antenna System
■ Beam Steering




Similar Part No. - F5268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268ANGI RENESAS-F5268ANGI Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268ANGI8 RENESAS-F5268ANGI8 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268EVB RENESAS-F5268EVB Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5268EVS RENESAS-F5268EVS Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
More results


Similar Description - F5268

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Analog Devices
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com