Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F5268 Datasheet (PDF) - Renesas Technology Corp

F5268 Datasheet PDF - Renesas Technology Corp
Part # F5268
Download  F5268 Download
File Size   291.18 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz

F5268 Datasheet (PDF)

Go To PDF Page Download Datasheet
F5268 Datasheet PDF - Renesas Technology Corp

Part # F5268
Download  F5268 Click to download

File Size   291.18 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz

F5268 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F5268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
277Kb / 2P
26GHz 8-Channel, Half-Duplex Transceiver IC
May 28, 2021
F5268 RENESAS-F5268_V01 Datasheet
277Kb / 2P
26GHz 8-Channel, Half-Duplex Transceiver IC
May 28, 2021
More results


Similar Description - F5268

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
SiGe Transmit/ Receive Frontend IC
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com