Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0980 Datasheet (PDF) - ATMEL Corporation

T0980 Datasheet PDF - ATMEL Corporation
Part # T0980
Download  T0980 Download
File Size   264.69 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SiGe Transmit/ Receive Frontend IC

T0980 Datasheet (PDF)

Go To PDF Page Download Datasheet
T0980 Datasheet PDF - ATMEL Corporation

Part # T0980
Download  T0980 Click to download

File Size   264.69 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SiGe Transmit/ Receive Frontend IC

T0980 Datasheet (HTML) - ATMEL Corporation


T0980 Product details

Description

The T0980 is a monolithic IC manufactured with Atmel’s advanced SiGe technology. The IC performs a transmit and receive front-end dedicated for a frequency range of 400 MHz to 500 MHz. It consists of a Low-Noise Amplifier (LNA) and a Power Amplifier (PA) with good Power Efficiency (PAE).



Features

• Power Amplifier with High Power Added Efficient (PAE), Pout Typically 29 dBm

• Controlled Output Power

• Low-noise Preamplifier (NF Typically 1.7 dB)

• Few External Components

• PSSO16 Plastic Package with Down Set Paddle



 




Similar Part No. - T0980

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T090 ETC1-T090 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
T090312 ETC1-T090312 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0905 ATMEL-T0905 Datasheet
219Kb / 9P
General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)
logo
List of Unclassifed Man...
T0905 ETC1-T0905 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
logo
ATMEL Corporation
T0905-TSPH ATMEL-T0905-TSPH Datasheet
219Kb / 9P
General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)
More results


Similar Description - T0980

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5280 RENESAS-F5280 Datasheet
230Kb / 3P
Transmit/Receive Half-Duplex IC 25GHz to 31GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com