Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0905 Datasheet (PDF) - ATMEL Corporation

T0905 Datasheet PDF - ATMEL Corporation
Part # T0905
Download  T0905 Download
File Size   219.87 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)

T0905 Datasheet (PDF)

Go To PDF Page Download Datasheet
T0905 Datasheet PDF - ATMEL Corporation

Part # T0905
Download  T0905 Click to download

File Size   219.87 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description General- purpose VHF/UHF Power Amplifier (135 to 600 MHz)

T0905 Datasheet (HTML) - ATMEL Corporation


T0905 Product details

Description

The T0905 is a monolithic integrated power amplifier IC manufactured with Atmel’s Silicon-Germanium (SiGe) process. Due to its open architecture, the device can be used either as a two or three-stage amplifier. Every stage can be matched individually, thus allowing applications in a wide frequency range. The T0905 can be used from 135 MHz up to 600 MHz in both linear and non-linear (saturated) mode. The power gain can be set dynamically by means of an analog control input optionally for each single stage or for the entire power amplifier. Constant gain mode is also possible. The T0905 is suited for CW mode up to 35 dBm. These features, including wide power ramp control, make the T0905 a very flexible power amplifier for many different applications.



Features

• 35 dBm Output Power in CW Mode

• High Power Added Efficiency (PAE)

• Single Supply Operation (No Negative Rail)

• Simple Analog Power Ramp Control

• Low Current Consumption in Power-down Mode (Typically ≤15 µA)

• Small SMD Package (PSSOP28 with Heat Slug)



Applications

• Professional Phones

• Hands-free Sets

• ISM Band Application

• Wireless Infrastructure Preamplifiers




Similar Part No. - T0905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T0905 ETC1-T0905 Datasheet
162Kb / 4P
Professional quality Hacksaws and Junior Hacksaws
More results


Similar Description - T0905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
VHF/UHF AMPLIFIER
logo
Sanyo Semicon Device
15GN01M SANYO-15GN01M Datasheet
25Kb / 4P
VHF to UHF Band High-frequency Switching, Highfrequency General-Purpose Amplifier Applications
logo
Advanced Power Technolo...
MS1642P ADPOW-MS1642P Datasheet
82Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
Sanyo Semicon Device
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com