Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1642P Datasheet (PDF) - Advanced Power Technology

MS1642P Datasheet PDF - Advanced Power Technology
Part # MS1642P
Download  MS1642P Download
File Size   82.21 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE

MS1642P Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1642P Datasheet PDF - Advanced Power Technology

Part # MS1642P
Download  MS1642P Click to download

File Size   82.21 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE

MS1642P Datasheet (HTML) - Advanced Power Technology


MS1642P Product details

DESCRIPTION:
The MS1642 is a gold metallized silicon NPN transistor designed for general purpose amplifier applications in the VHF and UHF frequency bands. Diffused emitter ballast resistors and computer controlled wirebonding techniques ensure maximum device reliability and consistency.

Features
• 400 MHz
• GOLD METALLIZATION
• POUT = 10 W MINIMUM
• GP = 12 dB MINIMUM
• INFINITE VSWR CAPABILITY
• COMMON EMITTER CONFIGURATION




Similar Part No. - MS1642P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
More results


Similar Description - MS1642P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Microsemi Corporation
2N3375 MICROSEMI-2N3375 Datasheet
609Kb / 5P
RF & MICROWAVE TRANSISTORS VHF-UHF CLASS C WIDE BAND
2N4440 MICROSEMI-2N4440 Datasheet
444Kb / 4P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
SD1462 MICROSEMI-SD1462 Datasheet
336Kb / 3P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1468 MICROSEMI-SD1468 Datasheet
386Kb / 3P
RF AND MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
logo
Advanced Power Technolo...
MS1503 ADPOW-MS1503 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
New Jersey Semi-Conduct...
SD1462 NJSEMI-SD1462 Datasheet
92Kb / 2P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com