Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1642P Datasheet (PDF) - Microsemi Corporation

MS1642P Datasheet PDF - Microsemi Corporation
Part # MS1642P
Download  MS1642P Download
File Size   55.01 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE

MS1642P Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1642P Datasheet PDF - Microsemi Corporation

Part # MS1642P
Download  MS1642P Click to download

File Size   55.01 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE

MS1642P Datasheet (HTML) - Microsemi Corporation


MS1642P Product details

DESCRIPTION:
The MS1642 is a gold metallized silicon NPN transistor designed for general purpose amplifier applications in the VHF and UHF frequency bands. Diffused emitter ballast resistors and computer controlled wirebonding techniques ensure maximum device reliability and consistency.

Features
• 400 MHz
• GOLD METALLIZATION
• POUT = 10 W MINIMUM
• GP = 12 dB MINIMUM
• INFINITE VSWR CAPABILITY
• COMMON EMITTER CONFIGURATION




Similar Part No. - MS1642P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1642P ADPOW-MS1642P Datasheet
82Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
More results


Similar Description - MS1642P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Microsemi Corporation
2N3375 MICROSEMI-2N3375 Datasheet
609Kb / 5P
RF & MICROWAVE TRANSISTORS VHF-UHF CLASS C WIDE BAND
2N4440 MICROSEMI-2N4440 Datasheet
444Kb / 4P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
SD1462 MICROSEMI-SD1462 Datasheet
336Kb / 3P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1468 MICROSEMI-SD1468 Datasheet
386Kb / 3P
RF AND MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
logo
Advanced Power Technolo...
MS1503 ADPOW-MS1503 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
MS1642P ADPOW-MS1642P Datasheet
82Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
New Jersey Semi-Conduct...
SD1462 NJSEMI-SD1462 Datasheet
92Kb / 2P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com