Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6123 Datasheet (PDF) - Renesas Technology Corp

F6123 Datasheet PDF - Renesas Technology Corp
Part # F6123
Download  F6123 Download
File Size   257.3 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz

F6123 Datasheet (PDF)

Go To PDF Page Download Datasheet
F6123 Datasheet PDF - Renesas Technology Corp

Part # F6123
Download  F6123 Click to download

File Size   257.3 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz

F6123 Datasheet (HTML) - Renesas Technology Corp


F6123 Product details

Features
 14.4 – 17.3GHz operation
 Supports 4 dual-pol or 8 single-pol elements
 Two simultaneous and independent beam outputs
 360° phase control with 6-bit resolution
 26dB gain control with 0.45dB step size
 2.3V nominal single supply input
 Standard 1.8V digital logic
 IDAC for external LNA biasing
 Temperature compensation
 Temperature sensor w/ digital readout
 Advanced digital modes with fast beam steering
 On-chip beam-state memory
 3.8  4.6  0.9 mm, 63-FCBGA
Typical Applications
 Phased array antennas
 Ku-Band SATCOM terminals
 Common Data Link (CDL) terminals
 Ku-Band radar
 Aerospace, maritime, and SOTM
 Instrumentation
Description
The F6123 is a 16-channel dual-beam receive active beamforming
RFIC designed for application in Ku/CDL-Band planar phased
array antennas. The IC has eight RF input ports, two RF output
ports, and 16 (8 per beam) phase/amplitude control channels. The
eight input ports of the IC can be driven by eight single-polarized
elements or four dual-polarized elements of an electronically
scanned array (ESA). Each channel has 6 bits of digital phase and
gain control resolution spanning 360° and 26dB of dynamic range,
enabling precise beam pattern and polarization control.
The IC operates from a single supply of 2.1 - 2.5V. When paired
with the Renesas F6923 LNA, it achieves a typical cascaded gain
of 30dB, while minimizing the front end feed loss due to the
flexibility of LNA physical placement near the antenna feeds. The
chip includes power management features such as a low-power
standby mode, independent enable controls on every channel, and
a single-beam mode activated via a dedicated control pin. The
device SPI bus and control pins operate from standard 1.8V logic
at speeds up to 50MHz. Advanced digital modes and large on-chip
memory allow for < 100ns beam position switching times at the
array level, greatly reducing dead time and latency.
Finally, the compact and CTE-matched FCBGA organic package
with all single-ended 50ohm matched RF ports and 0.5mm pitch
greatly simplifies the physical integration of these devices onto
large antenna panels.




Similar Part No. - F6123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121 RENESAS-F6121 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121AVGI RENESAS-F6121AVGI Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121AVGI8 RENESAS-F6121AVGI8 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6121EVS RENESAS-F6121EVS Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
More results


Similar Description - F6123

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC370LP4 HITTITE-HMC370LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Analog Devices
HMC370LP4 AD-HMC370LP4 Datasheet
364Kb / 6P
SMT GaAs HBT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 14.4 - 16.4 GHz OUTPUT
logo
Renesas Technology Corp
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com