Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1440 Datasheet (PDF) - Allegro MicroSystems

CM1440 Datasheet PDF - Allegro MicroSystems
Part # CM1440
Download  CM1440 Download
File Size   802.01 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 6 Channel EMI Filter Array with ESD Protection

CM1440 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1440 Datasheet PDF - Allegro MicroSystems

Part # CM1440
Download  CM1440 Click to download

File Size   802.01 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 6 Channel EMI Filter Array with ESD Protection

CM1440 Datasheet (HTML) - Allegro MicroSystems


CM1440 Product details

Product Description

The CM1440 is a six channel low-pass EMI filter array with ESD protection that reduces EMI/RFI emissions while providing robust protection from ESD strikes. Each EMI filter channel integrates a high quality pi style filter (30pF-100Ω-30pF) which provides greater than 30dB of attenuation in the 800MHz to 2.7GHz fre quency range. The parts include avalanche-type ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Six channels of EMI filtering for data ports

• Pi-style EMI filters in a capacitor-resistor-capacitor (C-R-C) network

• ±30kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ±30kV ESD protection on each channel (HBM)

• Greater than 35dB attenuation (typical) at 1 GHz

• 15-bump, 0.4mm pitch, 2.360mm x 1.053mm foot print Chip Scale Package (CSP)

• Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance

• OptiGuard™ coated for improved reliability at assembly

• Lead-free version available



Applications

• LCD and Camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1440-06CP ONSEMI-CM1440-06CP Datasheet
429Kb / 12P
6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results


Similar Description - CM1440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
6 Channel EMI Filter Array with ESD Protection
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com