Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1440 Datasheet (PDF) - ON Semiconductor

CM1440 Datasheet PDF - ON Semiconductor
Part # CM1440
Download  CM1440 Download
File Size   429.97 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Channel EMI Filter Array with ESD Protection

CM1440 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1440 Datasheet PDF - ON Semiconductor

Part # CM1440
Download  CM1440 Click to download

File Size   429.97 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Channel EMI Filter Array with ESD Protection

CM1440 Datasheet (HTML) - ON Semiconductor


CM1440 Product details

Product Description

The CM1440 is a six channel low-pass EMI filter array with ESD protection that reduces EMI/RFI emissions while providing robust protection from ESD strikes. Each EMI filter channel integrates a high quality pi-style filter (30pF-100Ω-30pF) which provides greater than 30dB of attenuation in the 800MHz to 2.7GHz frequency range. The parts include avalanche-type ESD diodes on every pin, which provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).



Features

• Six channels of EMI filtering for data ports

• Pi-style EMI filters in a capacitor-resistor capacitor (C-R-C) network

• ±30kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge)

• ±30kV ESD protection on each channel (HBM)

• Greater than 35dB attenuation (typical) at 1 GHz

• 15-bump, 0.4mm pitch, 2.360mm x 1.053mm footprint Chip Scale Package (CSP)

• Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance

• OptiGuard™ coated for improved reliability at assembly

• RoHS compliant (lead-free) finishing



Applications

• LCD and Camera data lines in mobile handsets

• I/O port protection for mobile handsets, notebook computers, PDAs etc.

• EMI filtering for data ports in cell phones, PDAs or notebook computers.

• Wireless handsets

• Handheld PCs/PDAs

• LCD and camera modules



 




Similar Part No. - CM1440

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
6 Channel EMI Filter Array with ESD Protection
CM1440-06CP ALLEGRO-CM1440-06CP Datasheet
802Kb / 9P
6 Channel EMI Filter Array with ESD Protection
CM1440-06CS ALLEGRO-CM1440-06CS Datasheet
802Kb / 9P
6 Channel EMI Filter Array with ESD Protection
More results


Similar Description - CM1440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
6 Channel EMI Filter Array with ESD Protection
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com