Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6922 Datasheet (PDF) - Renesas Technology Corp

F6922 Datasheet PDF - Renesas Technology Corp
Part # F6922
Download  F6922 Download
File Size   1496.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz

F6922 Datasheet (PDF)

Go To PDF Page Download Datasheet
F6922 Datasheet PDF - Renesas Technology Corp

Part # F6922
Download  F6922 Click to download

File Size   1496.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz

F6922 Datasheet (HTML) - Renesas Technology Corp


F6922 Product details

Features
■ Frequency: 17.7 – 21.2 GHz
■ Gain: 19.5dB typ. at 19.5GHz
■ Noise figure: 1.8dB
■ Output P1dB: -2.3dBm
■ Power consumption: 15mW/ch
■ Channel isolation: 30dB
■ Supply voltage: 0.9 – 1.0V
■ Common bias control input
■ Compact size for planar integration on λ/2 grid
■ 2.7 × 2.7 × 0.9 mm, 23-pin BGA
■ -40°C to +85°C ambient operating temperature range
Note: Performance is typical in the operating band. For more details, see the Specifications and Typical Performance Characteristics sections.
Applications
■ Electronically Steered Phased Array Antennas (ESAs)
■ Aerospace, Maritime, and Satcom-on-the-move (SOTM)
■ Ka-Band SATCOM Terminals
■ Communication, Electronic Warfare (EW), and Radar Systems




Similar Part No. - F6922

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922AVRI RENESAS-F6922AVRI Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922AVRI8 RENESAS-F6922AVRI8 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922EVB RENESAS-F6922EVB Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
More results


Similar Description - F6922

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Renesas Technology Corp
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Renesas Technology Corp
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com