Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6921AVRI Datasheet (PDF) - Renesas Technology Corp

F6921AVRI Datasheet PDF - Renesas Technology Corp
Part # F6921AVRI
Download  F6921AVRI Download
File Size   887.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz

F6921AVRI Datasheet (PDF)

Go To PDF Page Download Datasheet
F6921AVRI Datasheet PDF - Renesas Technology Corp

Part # F6921AVRI
Download  F6921AVRI Click to download

File Size   887.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz

F6921AVRI Datasheet (HTML) - Renesas Technology Corp


F6921AVRI Product details

Features
■ Frequency: 10.7 – 12.75 GHz
■ Gain: 19.5dB
■ Noise Figure: 1.4dB
■ Output P1dB: -7dBm
■ Power Consumption: 12.5mW/ch
■ Channel Isolation: 37dB minimum
■ Supply Voltage: 0.9 – 1.0V
■ Common bias control input
■ Compact size for planar integration on λ/2 grid
■ 2.7 × 2.7 × 0.9 mm, 23-pin BGA
■ -40°C to +85°C ambient operating temperature
range
Note: Performance is typical at 11.7GHz. See the
Specifications and Typical Performance
Characteristics sections for more details.
Applications
■ Electronically Steered Phased Array Antennas
(ESAs)
■ Aerospace, Maritime, and Satcom-on-the-move
(SOTM)
■ Ku-Band SATCOM Terminals
■ Communication, Electronic Warfare (EW) and
Radar Systems




Similar Part No. - F6921AVRI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6921AVRI RENESAS-F6921AVRI Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6921AVRI RENESAS-F6921AVRI Datasheet
1Mb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Nov 14, 2024
F6921AVRI8 RENESAS-F6921AVRI8 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6921AVRI8 RENESAS-F6921AVRI8 Datasheet
1Mb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Nov 14, 2024
More results


Similar Description - F6921AVRI

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000071-PKG003 MACOM-MAAP-000071-PKG003 Datasheet
202Kb / 4P
Amplifier, Power, 1.6W 12.75-15.35 GHz
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Transcom, Inc.
TA099-107-41-40 TRANSCOM-TA099-107-41-40 Datasheet
17Kb / 1P
9.9 - 10.7 GHz 10W Amplifier
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Qorvo, Inc
CMD320C3 QORVO-CMD320C3 Datasheet
349Kb / 13P
10.7-12.7 GHz Ultra Low Noise Amplifier
logo
Renesas Technology Corp
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com