Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC9101-1 Datasheet (PDF) - Analog Devices

LTC9101-1 Datasheet PDF - Analog Devices
Part # LTC9101-1
Download  LTC9101-1 Download
File Size   1636.94 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE

LTC9101-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC9101-1 Datasheet PDF - Analog Devices

Part # LTC9101-1
Download  LTC9101-1 Click to download

File Size   1636.94 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE

LTC9101-1 Datasheet (HTML) - Analog Devices


LTC9101-1 Product details

DESCRIPTION
Demonstration kit 3160A-KIT is an Ethernet Alliance Gen
2 PoE certified, 24-port IEEE 802.3at/bt-compliant power
sourcing equipment (PSE) composed of a DC3159A
daughter card (48-channels) and DC3017A motherboard
(24, 4-pair ports). The DC3160A-KIT features the
LTC®9101-1/LTC9102/LTC9103 PSE platform chipset.
In the DC3160A-KIT, a single LTC9101-1 digital controller
interfaces with up to four analog controllers. The
DC3159A-A daughter card has four LTC9102, 12-channel,
analog controllers for 48 power channels total. The
DC3159A-B daughter card has two LTC9102, 12-channel,
analog controllers and two LTC9103, 8-channel, analog
controllers for 40 power channels total. Up to twentyfour
IEEE 802.3af, IEEE 802.3at, or IEEE 802.3bt powered
devices (PDs) can be connected to the DC3160A-KIT and
powered from this system using a single power supply.
The LTC9101-1, LTC9102, and LTC9103 use a proprietary
isolated data interface allowing the LTC9101-1 to directly
connect to the host controller I2C interface and eliminates
the need for costly opto-couplers and an additional 3.3V
supply. The DC3160A-KIT can operate completely autonomously
without a host controller or with a DC590 for I2C
interfacing.
Robust surge protection is provided by design and
onboard surge protection devices. Indicator LEDs show
channel status for up to 48 power channels. An optional
on-board buck regulator provides 3.3V from the VEE
supply for the digital circuity. This demonstration manual
provides an auto mode quick start procedure and
DC3160A-KIT overview.




Similar Part No. - LTC9101-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LTC9101-1 AD-LTC9101-1 Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
More results


Similar Description - LTC9101-1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Linear Technology
LT4294 LINER-LT4294 Datasheet
786Kb / 10P
IEEE 802.3bt Powered Device
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
SI3473 SKYWORKS-SI3473 Datasheet
1Mb / 88P
Octal or Quad 2-pair 802.3bt Ethernet Port PoE PSE Controller
Revision 1.0 December, 2021
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com