Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2E1B06DRLR Datasheet (PDF) - First Silicon Co., Ltd

FPD2E1B06DRLR Datasheet PDF - First Silicon Co., Ltd
Part # FPD2E1B06DRLR
Download  FPD2E1B06DRLR Download
File Size   313.07 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low capacitance ESD Protection for Ethernetports

FPD2E1B06DRLR Datasheet (PDF)

Go To PDF Page Download Datasheet
FPD2E1B06DRLR Datasheet PDF - First Silicon Co., Ltd

Part # FPD2E1B06DRLR
Download  FPD2E1B06DRLR Click to download

File Size   313.07 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low capacitance ESD Protection for Ethernetports

FPD2E1B06DRLR Datasheet (HTML) - First Silicon Co., Ltd


FPD2E1B06DRLR Product details

Features
Ultra low capacitance: 0.6pF typical
Ultra low leakage: nA level
Low operating voltage: 5.5V
Bi-directional TVS Diode Array
Low clamping voltage
Complies with following standards:
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
– IEC 61000-4-5 Surge 2.8 A (8/20us)
– IEC61000-4-4 (EFT) 40A (5/50ns)
ROHS Compliant

Applications
GlucoseMeter Tablets
GPS
Portable Media Players




Similar Part No. - FPD2E1B06DRLR

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
More results


Similar Description - FPD2E1B06DRLR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com