Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD2E1B06DRLR Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FPD2E1B06DRLR
Description  Ultra low capacitance ESD Protection for Ethernetports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FPD2E1B06DRLR Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FPD2E1B06DRLR Datasheet HTML 1Page - First Silicon Co., Ltd FPD2E1B06DRLR Datasheet HTML 2Page - First Silicon Co., Ltd FPD2E1B06DRLR Datasheet HTML 3Page - First Silicon Co., Ltd FPD2E1B06DRLR Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FPD2E1B06DRLR
2022. 06. 24
Revision No : 0
3/4
Typical Performance Characteristics (T
A=25°C unless otherwise Specified)
Fig1. 8/20µ s Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
120
100
80
60
40
20
0
0
5
tr
Peak Value IPP
td=t IPP/2
10
15
t - Time ( s)
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
20
25
30
100%
90%
10%
tr = 0.7~1ns
Time (ns)
30ns
60ns
Fig3. Power Derating Curve
0
25
150
110
100
90
80
70
60
50
40
30
20
10
0
50
75
100
125
Ambient Temperature
–T
A
(ºC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com