Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3012-BZXC Datasheet (PDF) - Infineon Technologies AG

CYUSB3012-BZXC Datasheet PDF - Infineon Technologies AG
Part # CYUSB3012-BZXC
Download  CYUSB3012-BZXC Download
File Size   730.54 Kbytes
Page   82 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SuperSpeed USB Controller

CYUSB3012-BZXC Datasheet (PDF)

Go To PDF Page Download Datasheet
CYUSB3012-BZXC Datasheet PDF - Infineon Technologies AG

Part # CYUSB3012-BZXC
Download  CYUSB3012-BZXC Click to download

File Size   730.54 Kbytes
Page   82 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SuperSpeed USB Controller

CYUSB3012-BZXC Datasheet (HTML) - Infineon Technologies AG


CYUSB3012-BZXC Product details

Features
• Universal serial bus (USB) integration
- USB 3.1, Gen 1 and USB 2.0 peripherals compliant with USB 3.1 Specification Revision 1.0 (TID # 340800007)
- 5-Gbps SuperSpeed PHY compliant with USB 3.1 Gen 1
- High-speed On-The-Go (HS-OTG) host and peripheral compliant with OTG Supplement Version 2.0
- Thirty-two physical endpoints
• General programmable interface (GPIF™ II)
- Programmable 100-MHz GPIF II enables connectivity to a wide range of external devices
- 8-, 16-, 24-, and 32-bit data bus
- Up to16 configurable control signals
• Fully accessible 32-bit CPU
- ARM926EJ core with 200-MHz operation
- 512-KB or 256-KB embedded SRAM
• Additional connectivity to the following peripherals
- SPI master at up to 33 MHz
- UART support of up to 4 Mbps
- I2C master controller at 1 MHz
- I2S master (transmitter only) at sampling frequencies of 8 kHz, 16 kHz, 32 kHz, 44.1 kHz, 48 kHz, 96 kHz and
192 kHz
• Selectable clock input frequencies
- 19.2, 26, 38.4, and 52 MHz
- 19.2-MHz crystal input support
• Ultra low-power in core power-down mode
- Less than 60 μA with VBATT on and 20 μA with VBATT off
• Independent power domains for core and I/O
- Core operation at 1.2 V
- I2S, UART, and SPI operation at 1.8 to 3.3 V
- I2C operation at 1.2 V to 3.3 V
• Package options
- 121-ball, 10- × 10-mm, 0.8-mm pitch Pb-free ball grid array (BGA)
- See Table 24 for details on the seven FX3 variants
• EZ-USB® software development kit (SDK) for code development of firmware and PC Applications
- Includes RTOS Framework (using ThreadX Version 5)
- Firmware examples covering all I/O modules
- Visual Studio host examples using C++ and C#
• SuperSpeed explorer board available for rapid prototyping
- Several accessory boards also available:
• Adapter boards for Xilinx/Altera FPGA development
• Adapter board for video development
• CPLD board for concept testing and initial development

Applications
• Digital video camcorders
• Digital still cameras
• Printers
• Scanners
• Video capture cards
• Test and measurement equipment
• Surveillance cameras
• Personal navigation devices
• Medical imaging devices
• Video IP phones
• Portable media players
• Industrial cameras
• Data loggers
• Data acquisition
• High-performance human interface devices (gesture recognition)




Similar Part No. - CYUSB3012-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
More results


Similar Description - CYUSB3012-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
SuperSpeed USB Analyzer
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com