Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3015 Datasheet (PDF) - Infineon Technologies AG

CYUSB3015 Datasheet PDF - Infineon Technologies AG
Part # CYUSB3015
Download  CYUSB3015 Download
File Size   460.86 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-USB SX3: Configurable SuperSpeed USB Controller

CYUSB3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYUSB3015 Datasheet PDF - Infineon Technologies AG

Part # CYUSB3015
Download  CYUSB3015 Click to download

File Size   460.86 Kbytes
Page   39 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-USB SX3: Configurable SuperSpeed USB Controller

CYUSB3015 Datasheet (HTML) - Infineon Technologies AG


CYUSB3015 Product details

Features
■ Universal Serial Bus (USB) integration
❐ USB 3.2, Gen 1 and USB 2.0 peripherals compliant with
USB 3.2 Specification Revision 1.0
❐ 5-Gbps SuperSpeed PHY compliant with USB 3.2 Gen 1
❐ Three physical endpoints
❐ Supports UVC, UAC, and USB vendor class protocol
■ General Configurable Interface
❐ Support up to 100 MHz
❐ 8-, 16-, 24-, and 32-bit data bus
❐ Supports Slave FIFO, parallel camera interface
■ 32-bit CPU
❐ ARM926EJ core with 200-MHz operation
❐ 512-KB embedded SRAM
■ Additional connectivity to the following peripherals
❐ SPI boot flash
❐ I2C slaves at 100 kHz / 400 kHz / 1 MHz
■ Selectable clock input frequencies
❐ 19.2, 26, 38.4, and 52 MHz
❐ 19.2-MHz crystal input support
■ Ultra low-power in core power-down mode
❐ Less than 60 μA with VBATT on and 20 μA with VBATT off
■ Independent power domains for core and I/O
❐ Core operation at 1.2 V
❐ SPI operation at 1.8 V to 3.3 V
❐ I2C operation at 1.2 V to 3.3 V
■ Package options
❐ 121-ball, 10-mm  10-mm, 0.8-mm pitch Pb-free ball grid
array (BGA)
❐ See Table 16 for details on SX3 variants
■ EZ-USB™ SX3 configuration utility for configuration of SX3
❐ Works on Windows, macOS, Linux
❐ Example configurations for image sensor, HDMI receiver,
and data applications
❐ Supports programming of SX3 and configure the FPGA
❐ Supports merging of FPGA configuration with SX3
configuration and store in a single SPI flash
■ SX3 Development Kit available for rapid prototyping
❐ Third party HDMI to USB3 capture card kit available from
Cypress design partner




Similar Part No. - CYUSB3015

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3011-BZXC CYPRESS-CYUSB3011-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3011-BZXC INFINEON-CYUSB3011-BZXC Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3012-BZXC CYPRESS-CYUSB3012-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
More results


Similar Description - CYUSB3015

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com