Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB3014 Datasheet (PDF) - Cypress Semiconductor

CYUSB3014 Datasheet PDF - Cypress Semiconductor
Part # CYUSB3014
Download  CYUSB3014 Download
File Size   905.56 Kbytes
Page   38 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps

CYUSB3014 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYUSB3014 Datasheet PDF - Cypress Semiconductor

Part # CYUSB3014
Download  CYUSB3014 Click to download

File Size   905.56 Kbytes
Page   38 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps

CYUSB3014 Datasheet (HTML) - Cypress Semiconductor


CYUSB3014 Product details

Functional Description
For a complete list of related documentation, click here.

Features
■ Universal serial bus (USB) integration
    ❐ USB 3.1, Gen 1 and USB 2.0 peripherals compliant with USB 3.1 Specification Revision 1.0 (TID # 340800007)
    ❐ 5-Gbps SuperSpeed PHY compliant with USB 3.1 Gen 1
    ❐ High-speed On-The-Go (HS-OTG) host and peripheral compliant with OTG Supplement Version 2.0
    ❐ Thirty-two physical endpoints
    ❐ Support for battery charging Specification 1.1 and accessory charger adaptor (ACA) detection
■ General Programmable Interface (GPIF™ II)
    ❐ Programmable 100-MHz GPIF II enables connectivity to a wide range of external devices
    ❐ 8-, 16-, 24-, and 32-bit data bus
    ❐ Up to16 configurable control signals
■ Fully accessible 32-bit CPU
    ❐ ARM926EJ core with 200-MHz operation
    ❐ 512-KB or 256-KB embedded SRAM
■ Additional connectivity to the following peripherals
    ❐ SPI master at up to 33 MHz
    ❐ UART support of up to 4 Mbps
    ❐ I2C master controller at 1 MHz
    ❐ I2S master (transmitter only) at sampling frequencies of 32 kHz, 44.1 kHz, and 48 kHz
■ Selectable clock input frequencies
    ❐ 19.2, 26, 38.4, and 52 MHz
    ❐ 19.2-MHz crystal input support
■ Ultra low-power in core power-down mode
    ❐ Less than 60 µA with VBATT on and 20 µA with VBATT off
■ Independent power domains for core and I/O
    ❐ Core operation at 1.2 V
    ❐ I2S, UART, and SPI operation at 1.8 to 3.3 V
    ❐ I2C operation at 1.2 V to 3.3 V
■ Package options
    ❐ 121-ball, 10- × 10-mm, 0.8-mm pitch Pb-free ball grid array (BGA)
    ❐ 131-ball, 4.7- × 5.1-mm, 0.4-mm pitch wafer-level chip scale package (WLCSP)
    ❐ See Table 20 for details on the eight FX3 variants
■ EZ-USB® Software Development Kit (SDK) for code development of firmware and PC Applications
    ❐ Includes RTOS Framework (using ThreadX Version 5)
    ❐ Firmware examples covering all I/O modules
    ❐ Visual Studio host examples using C++ and C#
■ SuperSpeed Explorer Board available for rapid prototyping
    ❐ Several accessory boards also available:
        • Adapter boards for Xilinx/Altera FPGA development
        • Adapter board for Video development
        • CPLD board for concept testing and initial development

Applications
■ Digital video camcorders
■ Digital still cameras
■ Printers
■ Scanners
■ Video capture cards
■ Test and measurement equipment
■ Surveillance cameras
■ Personal navigation devices
■ Medical imaging devices
■ Video IP phones
■ Portable media players
■ Industrial cameras
■ Data loggers
■ Data acquisition
■ High-performance Human Interface Devices (gesture recognition)




Similar Part No. - CYUSB3014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXC INFINEON-CYUSB3014-BZXC Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXCT INFINEON-CYUSB3014-BZXCT Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
More results


Similar Description - CYUSB3014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com