Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD4E05U06DQAR Datasheet (PDF) - First Silicon Co., Ltd

FPD4E05U06DQAR Datasheet PDF - First Silicon Co., Ltd
Part # FPD4E05U06DQAR
Download  FPD4E05U06DQAR Download
File Size   571.05 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low capacitance ESD Protection for Ethernet ports

FPD4E05U06DQAR Datasheet (PDF)

Go To PDF Page Download Datasheet
FPD4E05U06DQAR Datasheet PDF - First Silicon Co., Ltd

Part # FPD4E05U06DQAR
Download  FPD4E05U06DQAR Click to download

File Size   571.05 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low capacitance ESD Protection for Ethernet ports

FPD4E05U06DQAR Datasheet (HTML) - First Silicon Co., Ltd


FPD4E05U06DQAR Product details

Features
70 watts Peak Pulse Power(8/20㎲)
Protects two or four I/O lines
Low capacitance : 0.3㎊ typical (I/O to I/O)
Low operating voltage : 5.5V
Complies with following standards:
IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
IEC 61000-4-5 Surge 5 A (8/20us)
IEC61000-4-4 (EFT) 40A (5/50ns)
ROHSCompliant

Applications
• High Definition Multimedia Interface(HDMI)
• Digital Visual Interface(DVI)
• Unified Display Interface(UDI)
• MDDI Ports
• PCI Express
• Serial ATA




Similar Part No. - FPD4E05U06DQAR

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD4000AF FILTRONIC-FPD4000AF Datasheet
708Kb / 9P
4W PACKAGED POWER PHEMT
FPD4000AS FILTRONIC-FPD4000AS Datasheet
197Kb / 3P
2.5W PACKAGED POWER PHEMT
FPD4000V FILTRONIC-FPD4000V Datasheet
243Kb / 3P
4W POWER PHEMT
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS
logo
Texas Instruments
FPD48084 TI1-FPD48084_13 Datasheet
47Kb / 4P
LCD TV TFT-LCD Column Driver
More results


Similar Description - FPD4E05U06DQAR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4233CZ6 PHILIPS-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
IP4233CZ6 NXP-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
First Silicon Co., Ltd
FPD2E1B06DRLR FS-FPD2E1B06DRLR Datasheet
313Kb / 4P
Ultra low capacitance ESD Protection for Ethernetports
2022. 06. 24 Revision No : 0
logo
Pan Jit International I...
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
logo
Nexperia B.V. All right...
IP4233CZ6 NEXPERIA-IP4233CZ6 Datasheet
808Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3 - 17 June 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com