Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVS0571P Datasheet (PDF) - First Silicon Co., Ltd

FTVS0571P Datasheet PDF - First Silicon Co., Ltd
Part # FTVS0571P
Download  FTVS0571P Download
File Size   326.15 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1200W peak pulse power (8/20 us)

FTVS0571P Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVS0571P Datasheet PDF - First Silicon Co., Ltd

Part # FTVS0571P
Download  FTVS0571P Click to download

File Size   326.15 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1200W peak pulse power (8/20 us)

FTVS0571P Datasheet (HTML) - First Silicon Co., Ltd


FTVS0571P Product details

Features
1200W peak pulse power (8/20 us)
Low leakage: nA level
Low operating voltage: 5V
Ultra low clamping voltage
One power line protects
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 110A (8/20μs)
RoHS Compliant
Ultra Low Leakage:nA Level

Applications
Power Management
Industrial Application
Power Supply Protection
Many other portable devices




Similar Part No. - FTVS0571P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
More results


Similar Description - FTVS0571P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
300W peak pulse power (tp = 8/20μs)
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
480W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
70W peak pulse power (tp =8/20μs
PESD5V0V1BB UMW-PESD5V0V1BB Datasheet
419Kb / 4P
90Watts peak pulse power (tp =8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com