Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD50R1K4CE Datasheet (PDF) - Infineon Technologies AG

IPD50R1K4CE Datasheet PDF - Infineon Technologies AG
Part # IPD50R1K4CE
Download  IPD50R1K4CE Download
File Size   3286.29 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 120 W 24 V 3.5 A 12 V 3 A SMPS demonstrator with IDP2308

IPD50R1K4CE Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD50R1K4CE Datasheet PDF - Infineon Technologies AG

Part # IPD50R1K4CE
Download  IPD50R1K4CE Click to download

File Size   3286.29 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 120 W 24 V 3.5 A 12 V 3 A SMPS demonstrator with IDP2308

IPD50R1K4CE Datasheet (HTML) - Infineon Technologies AG


IPD50R1K4CE Product details

Features of IDP2308
Integrated 600 V start-up cell
Integrated floating driver for HB high-side MOSFET
Multi-mode operation of PFC
Integrated PIT regulator for PFC controller
Active X-CAP discharge function supports low stand-by power consumption
Comprehensive set of PFC/LLC protection features
Internal communication between PFC and LLC controller
Plenty of configurable parameters and failure protection modes
UART interface for communication and in-circuit configuration
Adaptive burst mode
Low ripple during standby
Parameter patching during DV/PV/production




Similar Part No. - IPD50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50R1K4CE INFINEON-IPD50R1K4CE Datasheet
1Mb / 2P
500V CoolMOS??CE Power MOSFET
10 / 2012
IPD50R1K4CE INFINEON-IPD50R1K4CE Datasheet
879Kb / 20P
500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
IPD50R1K4CE INFINEON-IPD50R1K4CE Datasheet
1Mb / 14P
500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-06-13
logo
Inchange Semiconductor ...
IPD50R1K4CE ISC-IPD50R1K4CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - IPD50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
UCC27289 TI-UCC27289 Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
logo
Schneider Electric
LC1D126G7 SCHNEIDER-LC1D126G7 Datasheet
141Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 120 V AC coil
Jan 4, 2021
ABL8BBU24200 SCHNEIDER-ABL8BBU24200 Datasheet
169Kb / 9P
battery control module - 24..28.8 V DC - 24 V - 20 A - for regulated SMPS
Mar 23, 2022
ABL8BBU24400 SCHNEIDER-ABL8BBU24400 Datasheet
194Kb / 9P
battery control module - 24..28.8 V DC - 24 V - 40 A - for regulated SMPS
Mar 23, 2022
ABL8DCC05060 SCHNEIDER-ABL8DCC05060 Datasheet
131Kb / 6P
converter module 30 W - 24..28.8 V DC, 5 V DC - 6 A - for regulated SMPS
Mar 23, 2022
ABL8DCC12020 SCHNEIDER-ABL8DCC12020 Datasheet
130Kb / 6P
converter module 24 W - 24..28.8 V DC, 12 V DC - 2 A - for regulated SMPS
Mar 23, 2022
logo
List of Unclassifed Man...
2N6052 ETC-2N6052 Datasheet
174Kb / 1P
Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W
5/20/03
logo
Renesas Technology Corp
SLG59H1013V RENESAS-SLG59H1013V Datasheet
1Mb / 31P
A 13.3 mΩ, 3.5 A, 125 °C-Rated, Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com