Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6052 Datasheet (PDF) - List of Unclassifed Manufacturers

2N6052 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2N6052
Download  2N6052 Download
File Size   174.77 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W

2N6052 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6052 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2N6052
Download  2N6052 Click to download

File Size   174.77 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Transistor, Bipolar, TO-3, PNP, 12 A, 100 V, 150 W

2N6052 Datasheet (HTML) - List of Unclassifed Manufacturers


2N6052 Product details

Description : A silicon PNP Darlington transistors in a TO-3 type case designed for general-purpose amplifier and low-frequency applications

Features
- High DC Current Gain
- Collector-Emitter Sustaining Voltage : Vced(sus) = 100V Min @ 100mA
-Monolithic Construction with Buit-in Base-Emitter Shunt Resistors




Similar Part No. - 2N6052

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6052 MOSPEC-2N6052 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
190Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Boca Semiconductor Corp...
2N6052 BOCA-2N6052 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
ON Semiconductor
2N6052 ONSEMI-2N6052 Datasheet
130Kb / 8P
Darlington Complementary Silicon Power Transistors
March, 2001 ??Rev. 2
logo
Micrel Semiconductor
2N6052 MICREL-2N6052 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results


Similar Description - 2N6052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
Hi-Rel PNP bipolar transistor 150 V, 0.5 A
10-Oct-2012
logo
NXP Semiconductors
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT61002PYC NEXPERIA-PHPT61002PYC Datasheet
718Kb / 15P
100 V, 2 A PNP high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
MJD32C NEXPERIA-MJD32C Datasheet
230Kb / 11P
100 V, 3 A PNP high power bipolar transistor
30 September 2019
MJD32CA NEXPERIA-MJD32CA Datasheet
230Kb / 11P
100 V, 3 A PNP high power bipolar transistor
23 November 2020
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com