Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300 Datasheet (PDF) - Vishay Siliconix

300 Datasheet PDF - Vishay Siliconix
Part # 300
Download  300 Download
File Size   146.9 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Printed Circuit Dip Solder Connector

300 Datasheet (PDF)

Go To PDF Page Download Datasheet
300 Datasheet PDF - Vishay Siliconix

Part # 300
Download  300 Click to download

File Size   146.9 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Printed Circuit Dip Solder Connector

300 Datasheet (HTML) - Vishay Siliconix


300 Product details

FEATURES
• Right angle or straight through dip solder terminals
• Threaded mounting studs
• Male contacts molded in
• Mating connector has solder cup or dip solder terminals
• Female contacts float to aid in alignment and resist
vibration
• Permanent mounting provides greater reliability
• Polarization provided by contact arrangement and guide
pin location
• Meets applicable paragraphs of MIL-C-55302

MATERIAL SPECIFICATIONS
Contact Pin: phosphor bronze
Contact Socket: phosphor bronze
Contact Plating: gold plated
Guide Pins: stainless steel, passivated
Standard Body: glass-filled diallyl phthalate per MIL-M-14,
type SDG-F green; other body material supplied upon
request

PHYSICAL SPECIFICATIONS
Number of Contacts: 7, 15, 19, and 25
Contact Spacing: 0.250", staggered rows provide a 0.125"
grid
Contact Gauge: #20 AWG
Minimum Creepage Path between Contacts: 0.16"
Minimum Air Spacebetween Contacts: 0.11"

APPLICATIONS
Where permanent mounting of male connector to printed
circuit board is required with mating female connector
available.

ELECTRICAL SPECIFICATIONS
Current Rating: 7.5 A
Breakdown Voltage:
at sea level: 3600 VRMS
at 70 000 feet: 975 VRMS




Similar Part No. - 300

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
300 DBLECTRO-300 Datasheet
387Kb / 1P
SCREW TYPE SERIES
logo
Cornell Dubilier Electr...
300 CDE-300 Datasheet
487Kb / 11P
Long-Life, Switching Power Grade Radial
logo
Intel Corporation
300 INTEL-300 Datasheet
2Mb / 95P
Celeron D Processor
logo
Magnetrol International...
300 MAGNETROL-300 Datasheet
768Kb / 8P
ECHOTEL짰NON-CONTACTULTRASOUND
logo
E-SWITCH
300 E-SWITCH-300 Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
More results


Similar Description - 300

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
90째 Solder Dip
DVIS024T-002-BS1 YAMAICHI-DVIS024T-002-BS1 Datasheet
95Kb / 2P
DVI Receptacle Connector (90째 Solder Dip)
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
Solder Dip Socket
logo
Vishay Siliconix
300S-7W VISHAY-300S-7W Datasheet
237Kb / 4P
Printed Circuit Dip Solder Connector
27-Mar-07
303S-45 VISHAY-303S-45 Datasheet
150Kb / 3P
Printed Circuit Dip Solder Connector
21-Mar-07
315S-50 VISHAY-315S-50 Datasheet
103Kb / 3P
Printed Circuit Dip Solder Connector
21-Mar-07
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
MALE-DIP SOLDER
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
PRINTED CIRCUIT CONNECTOR
logo
Vishay Siliconix
SERIES300 VISHAY-SERIES300 Datasheet
145Kb / 4P
Printed Circuit Dip Solder Connector
19-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com