Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES300 Datasheet (PDF) - Vishay Siliconix

SERIES300 Datasheet PDF - Vishay Siliconix
Part # SERIES300
Download  SERIES300 Download
File Size   145.66 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Printed Circuit Dip Solder Connector

SERIES300 Datasheet (PDF)

Go To PDF Page Download Datasheet
SERIES300 Datasheet PDF - Vishay Siliconix

Part # SERIES300
Download  SERIES300 Click to download

File Size   145.66 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Printed Circuit Dip Solder Connector

SERIES300 Datasheet (HTML) - Vishay Siliconix


SERIES300 Product details

FEATURES
• Right angle or straight through dip solder terminals
• Threaded mounting studs
• Male contacts molded in
• Mating connector has solder cup or dip solder terminals
• Female contacts float to aid in alignment and resist
vibration
• Permanent mounting provides greater reliability
• Polarization provided by contact arrangement and guide
pin location
• Meets applicable paragraphs of MIL-C-55302

MATERIAL SPECIFICATIONS
Contact Pin: phosphor bronze
Contact Socket: phosphor bronze
Contact Plating: gold plated
Guide Pins: stainless steel, passivated
Standard Body: glass-filled diallyl phthalate per MIL-M-14,
type SDG-F green; other body material supplied upon
request

PHYSICAL SPECIFICATIONS
Number of Contacts: 7, 15, 19, and 25
Contact Spacing: 0.250", staggered rows provide a 0.125"
grid
Contact Gauge: #20 AWG
Minimum Creepage Path between Contacts: 0.16"
Minimum Air Spacebetween Contacts: 0.11"




Similar Part No. - SERIES300

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
More results


Similar Description - SERIES300

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
90째 Solder Dip
DVIS024T-002-BS1 YAMAICHI-DVIS024T-002-BS1 Datasheet
95Kb / 2P
DVI Receptacle Connector (90째 Solder Dip)
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
Solder Dip Socket
logo
Vishay Siliconix
300S-7W VISHAY-300S-7W Datasheet
237Kb / 4P
Printed Circuit Dip Solder Connector
27-Mar-07
303S-45 VISHAY-303S-45 Datasheet
150Kb / 3P
Printed Circuit Dip Solder Connector
21-Mar-07
315S-50 VISHAY-315S-50 Datasheet
103Kb / 3P
Printed Circuit Dip Solder Connector
21-Mar-07
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
MALE-DIP SOLDER
logo
FCI connector
PHEC50P-S111LF FCI-CONNECTOR-PHEC50P-S111LF Datasheet
144Kb / 1P
PRINTED CIRCUIT CONNECTOR
logo
Vishay Siliconix
300 VISHAY-300 Datasheet
146Kb / 4P
Printed Circuit Dip Solder Connector
19-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com