Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1847181 Datasheet (PDF) - PHOENIX CONTACT

1847181 Datasheet PDF - PHOENIX CONTACT
Part # 1847181
Download  1847181 Download
File Size   786.87 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 8-STF-3,5

1847181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847181 Datasheet PDF - PHOENIX CONTACT

Part # 1847181
Download  1847181 Click to download

File Size   786.87 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 8-STF-3,5

1847181 Datasheet (HTML) - PHOENIX CONTACT


1847181 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 8, number of rows: 1, number of positions: 8, number of connections: 8, product range: MC 1,5/..-STF, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1847181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847107 PHOENIX-1847107 Datasheet
761Kb / 14P
PCB connector - MC 1,5/ 7-STF-3,5
Jan 3, 2023
1847110 PHOENIX-1847110 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1847110 PHOENIX-1847110 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1847110 PHOENIX-1847110 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1847123 PHOENIX-1847123 Datasheet
161Kb / 6P
ICV 2,5/ 4-G-5,08
More results


Similar Description - 1847181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840421 PHOENIX-1840421 Datasheet
140Kb / 5P
MC 1,5/ 8-ST-3,5
1844278 PHOENIX-1844278 Datasheet
162Kb / 5P
MC 1,5/ 8-G-3,5
1954171 PHOENIX-1954171 Datasheet
42Kb / 2P
Printed-circuit board connector - MC 1,5/ 8-STF-3,5 BK
1847055 PHOENIX-1847055 Datasheet
793Kb / 15P
PCB connector - MC 1,5/ 2-STF-3,5
Jul 20, 2022
1847068 PHOENIX-1847068 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 3-STF-3,5
Jul 20, 2022
1847097 PHOENIX-1847097 Datasheet
772Kb / 14P
PCB connector - MC 1,5/ 6-STF-3,5
Jul 20, 2022
1847217 PHOENIX-1847217 Datasheet
761Kb / 14P
PCB connector - MC 1,5/11-STF-3,5
Nov 30, 2022
1863369 PHOENIX-1863369 Datasheet
357Kb / 11P
PCB connector - MCVR 1,5/ 8-STF-3,5
Jan 3, 2023
1847107 PHOENIX-1847107 Datasheet
761Kb / 14P
PCB connector - MC 1,5/ 7-STF-3,5
Jan 3, 2023
1940156 PHOENIX-1940156 Datasheet
600Kb / 16P
FK-MCP 1,5/ 8-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com