Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1863369 Datasheet (PDF) - PHOENIX CONTACT

1863369 Datasheet PDF - PHOENIX CONTACT
Part # 1863369
Download  1863369 Download
File Size   357.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVR 1,5/ 8-STF-3,5

1863369 Datasheet (PDF)

Go To PDF Page Download Datasheet
1863369 Datasheet PDF - PHOENIX CONTACT

Part # 1863369
Download  1863369 Click to download

File Size   357.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCVR 1,5/ 8-STF-3,5

1863369 Datasheet (HTML) - PHOENIX CONTACT


1863369 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MCVR 1,5/.
.-STF, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 90 °, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1863369

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
18633650 CML-18633650 Datasheet
314Kb / 1P
Mega StarLEDs T5 (16x35mm) BA15d with bridge rectifier
18633651 CML-18633651 Datasheet
314Kb / 1P
Mega StarLEDs T5 (16x35mm) BA15d with bridge rectifier
18633652 CML-18633652 Datasheet
314Kb / 1P
Mega StarLEDs T5 (16x35mm) BA15d with bridge rectifier
18633657 CML-18633657 Datasheet
314Kb / 1P
Mega StarLEDs T5 (16x35mm) BA15d with bridge rectifier
1863365W3 CML-1863365W3 Datasheet
314Kb / 1P
Mega StarLEDs T5 (16x35mm) BA15d with bridge rectifier
More results


Similar Description - 1863369

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1863330 PHOENIX-1863330 Datasheet
147Kb / 10P
Printed-circuit board connector - MCVR 1,5/ 5-STF-3,5
1863437 PHOENIX-1863437 Datasheet
115Kb / 7P
Printed-circuit board connector - MCVR 1,5/15-STF-3,5
1863411 PHOENIX-1863411 Datasheet
76Kb / 5P
Printed-circuit board connector - MCVR 1,5/13-STF-3,5
1863398 PHOENIX-1863398 Datasheet
76Kb / 5P
Printed-circuit board connector - MCVR 1,5/11-STF-3,5
1863356 PHOENIX-1863356 Datasheet
76Kb / 5P
Printed-circuit board connector - MCVR 1,5/ 7-STF-3,5
1863372 PHOENIX-1863372 Datasheet
191Kb / 12P
Printed-circuit board connector - MCVR 1,5/ 9-STF-3,5
1863314 PHOENIX-1863314 Datasheet
531Kb / 9P
Printed-circuit board connector - MCVR 1,5/ 3-STF-3,5
02/04/2022
1863424 PHOENIX-1863424 Datasheet
176Kb / 11P
Printed-circuit board connector - MCVR 1,5/14-STF-3,5
09/12/2020
1847181 PHOENIX-1847181 Datasheet
786Kb / 15P
PCB connector - MC 1,5/ 8-STF-3,5
Jul 21, 2022
1828391 PHOENIX-1828391 Datasheet
375Kb / 11P
PCB connector - MCVR 1,5/ 7-STF-3,81
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com