Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46117 Datasheet (PDF) - Renesas Technology Corp

SLG46117 Datasheet PDF - Renesas Technology Corp
Part # SLG46117
Download  SLG46117 Download
File Size   3964.5 Kbytes
Page   91 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge

SLG46117 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46117 Datasheet PDF - Renesas Technology Corp

Part # SLG46117
Download  SLG46117 Click to download

File Size   3964.5 Kbytes
Page   91 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge

SLG46117 Datasheet (HTML) - Renesas Technology Corp


SLG46117 Product details

General Description
The SLG46117 GreenPAK combines the functionality and versatility
of a GreenPAK Programmable Mixed-signal Matrix with
the capabilities of Renesas Electronics Corporation’s CuFET
technology. Capable of integrating a number common discrete
ICs and passive components into a single device, the Green-
PAK family’s SLG46117V enables high power switching with a
soft-start 1.25 A P-Ch MOSFET with slew rate control and integrated
discharge resistor.

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range -40 °C to 85 °C
• Soft-Start 1.25.A (@VIN = 3.3 V) P-FET Power Switch with
discharge
• Package
• 1.6 x 2.5 x 0.55 mm STQFN 14L package
• Pb-Free / Halogen-Free / RoHS compliant

Applications
• Power Sequencing with complex analog control
• Power Plane component size reduction project
• LED Driver
• Haptic Motor Driver
• System RESET with Power Switch




Similar Part No. - SLG46117

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46117 DIALOG-SLG46117 Datasheet
902Kb / 88P
Highly Versatile Macrocells
logo
Renesas Technology Corp
SLG46117 RENESAS-SLG46117 Datasheet
1Mb / 91P
Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised August 14, 2023
logo
Dialog Semiconductor
SLG46117V DIALOG-SLG46117V Datasheet
902Kb / 88P
Highly Versatile Macrocells
logo
Renesas Technology Corp
SLG46117V RENESAS-SLG46117V Datasheet
407Kb / 2P
GreenPAK DIP Adapter
17-Mar-2022
SLG46117V RENESAS-SLG46117V Datasheet
1Mb / 91P
Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised August 14, 2023
More results


Similar Description - SLG46117

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
Programmable Mixed-signal Matrix
SLG46824 DIALOG-SLG46824 Datasheet
1Mb / 152P
GreenPAK Programmable Mixed Signal Matrix with In System
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46867 DIALOG-SLG46867 Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46116 RENESAS-SLG46116 Datasheet
3Mb / 90P
Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge
Revised March 4, 2022
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46517 RENESAS-SLG46517 Datasheet
7Mb / 192P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 mΩ/2 A P-FET
2-Mar-2023
SLG46621 RENESAS-SLG46621 Datasheet
3Mb / 216P
GreenPAK Programmable Mixed-signal Matrix with Dual Supply
March 6, 2023
SLG46867 RENESAS-SLG46867 Datasheet
6Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com