Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46127 Datasheet (PDF) - Renesas Technology Corp

SLG46127 Datasheet PDF - Renesas Technology Corp
Part # SLG46127
Download  SLG46127 Download
File Size   8876.31 Kbytes
Page   94 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET

SLG46127 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46127 Datasheet PDF - Renesas Technology Corp

Part # SLG46127
Download  SLG46127 Click to download

File Size   8876.31 Kbytes
Page   94 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET

SLG46127 Datasheet (HTML) - Renesas Technology Corp


SLG46127 Product details

General Description
The SLG46127 GreenPAK combines the functionality and versatility
of a GreenPAK Programmable Mixed-signal Matrix with
the capabilities of Renesas’ CuFET technology. Capable of
integrating a number common discrete ICs and passive components
into a single device, the GreenPAK family’s
SLG46127M enables high power switching with dual 2 A P-Ch
MOSFETs.

Features
• Logic & Mixed Signal Circuits
• Highly Versatile Macrocells
• Read Back Protection (Read Lock)
• 1.8V (±5%) to 5V (±10%) Supply
• Operating Temperature Range -40 °C to 85 °C
• Dual 44 mΩ, 2 A P-Channel MOSFETs
• Package
• 1.6 x 2.0 x 0.55 mm MSTQFN 16L package
• Pb-Free / Halogen-Free / RoHS compliant

Applications
• Power Sequencing with Complex Analog Control
• Power Plane Component Size Reduction Project
• LED Driver
• Haptic Motor Driver
• System RESET with Power Switch




Similar Part No. - SLG46127

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46127 DIALOG-SLG46127 Datasheet
1Mb / 88P
GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
1Mb / 93P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised August 14, 2023
SLG46127M RENESAS-SLG46127M Datasheet
1Mb / 93P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised August 14, 2023
SLG46127MTR RENESAS-SLG46127MTR Datasheet
1Mb / 93P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised August 14, 2023
SLG46127 RENESAS-SLG46127_V01 Datasheet
1Mb / 93P
Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised August 14, 2023
More results


Similar Description - SLG46127

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46536 DIALOG-SLG46536 Datasheet
1Mb / 165P
Programmable Mixed-signal Matrix
SLG46517 DIALOG-SLG46517 Datasheet
1Mb / 190P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
SLG46867 DIALOG-SLG46867 Datasheet
1Mb / 208P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m廓/2 A P-FET
logo
Renesas Technology Corp
SLG46116 RENESAS-SLG46116 Datasheet
3Mb / 90P
Programmable Mixed-signal Matrix with P-FET Power Switch w/o Discharge
Revised March 4, 2022
SLG46117 RENESAS-SLG46117 Datasheet
3Mb / 91P
Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised March 4, 2022
SLG46110 RENESAS-SLG46110 Datasheet
3Mb / 84P
Programmable Mixed Signal Matrix
March 9, 2023
SLG46121 RENESAS-SLG46121 Datasheet
4Mb / 99P
GreenPAK Dual Supply Programmable Mixed-signal Matrix
March 10, 2023
SLG46517 RENESAS-SLG46517 Datasheet
7Mb / 192P
GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 mΩ/2 A P-FET
2-Mar-2023
SLG46621 RENESAS-SLG46621 Datasheet
3Mb / 216P
GreenPAK Programmable Mixed-signal Matrix with Dual Supply
March 6, 2023
SLG46867 RENESAS-SLG46867 Datasheet
6Mb / 209P
GreenPAK Programmable Mixed-Signal Matrix with Dual 44 mW/2 A P-FET
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com