Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS Datasheet (PDF) - Bourns Electronic Solutions

PCS Datasheet PDF - Bourns Electronic Solutions
Part # PCS
Download  PCS Download
File Size   978.76 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PCS Series Current Sense Transformers

PCS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCS Datasheet PDF - Bourns Electronic Solutions

Part # PCS
Download  PCS Click to download

File Size   978.76 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description PCS Series Current Sense Transformers

PCS Datasheet (HTML) - Bourns Electronic Solutions


PCS Product details

Features
Rated current on primary up to 20 A for PCS020, up to 40 A for PCS040
Surface mount
Frequency up to 1 MHz
Operating temp: -40 °C to 125 °C
RoHS compliant*

Applications
Switched-mode power supplies
Motor control
Overload sensing
AC current applications




Similar Part No. - PCS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
Chip Type, LongLife Assurance
logo
Electrolube
PCS ELECTROLUBE-PCS Datasheet
156Kb / 1P
Peelable Coating Mask - Synthetic
March 2017
logo
Tyco Electronics
PCS-020-A-1 MACOM-PCS-020-A-1 Datasheet
58Kb / 1P
OUTLINE DRWING PCS SOCKET
24 AUG 03
More results


Similar Description - PCS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX Datasheet
14Kb / 1P
Current Sense Transformers
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com