Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PCS
Description  PCS Series Current Sense Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PCS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PCS Datasheet HTML 1Page - Bourns Electronic Solutions PCS Datasheet HTML 2Page - Bourns Electronic Solutions PCS Datasheet HTML 3Page - Bourns Electronic Solutions PCS Datasheet HTML 4Page - Bourns Electronic Solutions PCS Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PCS Series Current Sense Transformers
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Materials
Core���������������������������������������������������� P4
Bobbin ��������������������������������������� PM9630
Wire ���������������������������XUEW and UEWH
Tape���������������������������������������������� PI-310
Glue��������������������������������������������� S-9001
Clip �������������������������������������������� SUS301
Packaging
PCS020������ 1000 pcs� per 13-inch reel
PCS040�������� 300 pcs� per 13-inch reel
Product Dimensions
Application Circuit
XXX
5.97
(.235)
MAX.
PIN 1
TOP VIEW
SIDE VIEW
SIDE VIEW
6
4
1
3
7
8
6.22
(.245)
MAX.
8.00
(.315)
MAX.
8.13
(.320)
MAX.
5.30
(.209)
MAX.
1.85
(.073)
0.60
(.024)
0.10
(.004)
BOURNS
PCS040-
EF13XXX
YYWW
PIN 1
0.60
(.024)
2.54
(.100)
10.50
(.413)
MAX.
16.51
(.650)
MIN.
14.55
(.573)
MAX.
19.91
(.784)
MAX.
TOP VIEW
SIDE VIEW
SIDE VIEW
PCS020
PCS040
DIMENSIONS:
MM
(INCHES)
Unlessotherwisespecified,alltolerancesare±0.25/(.010)
Typical Part Marking
Bourns Part Number Marking
PCS020-EE05081S
081
PCS020-EE05180S
180
PCS020-EE05320S
320
PCS020-EE05500S
500
PCS020-EE05730S
730
PCS020-EE05980S
980
PCS020-EE0502KS
02K
PCS020-EE0503KS
03K
PCS040-EF13340S
PCS040-EF13340S
PCS040-EF13760S
PCS040-EF13760S
PCS040-EF1301KS
PCS040-EF1301KS
PCS040-EF1302KS
PCS040-EF1302KS
PCS040-EF1303KS
PCS040-EF1303KS
PCS040-EF1304KS
PCS040-EF1304KS
PCS040-EF1305KS
PCS040-EF1305KS
PCS040-EF1308KS
PCS040-EF1308KS
PCS040-EF1313KS
PCS040-EF1313KS
PCS040-EF1319KS
PCS040-EF1319KS
PCS040-EF1334KS
PCS040-EF1334KS
Electrical Schematic
1
3
8
7
PRIM 1T
SEC
2
4
11
12
PRIM 1T
SEC
PCS020
PCS040
Terminating resistor RT is based on 1 volt output with the rated current 20 amps for the
PCS020 and 40 amps for the PCS040 through the Primary� The terminating resistor can be
calculated with the following equation: RT = Vout * Nsec / Iprim�
PRIMARY
SECONDARY
VOUT
RT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com