Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5770LC0 Datasheet (PDF) - Texas Instruments

TAS5770LC0 Datasheet PDF - Texas Instruments
Part # TAS5770LC0
Download  TAS5770LC0 Download
File Size   3686.72 Kbytes
Page   100 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense

TAS5770LC0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5770LC0 Datasheet PDF - Texas Instruments

Part # TAS5770LC0
Download  TAS5770LC0 Click to download

File Size   3686.72 Kbytes
Page   100 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense

TAS5770LC0 Datasheet (HTML) - Texas Instruments


TAS5770LC0 Product details

1 Features
• High-Performance Mono Class-D Amplifier
– 20-W at 1% THD+N (4 Ω, 16 V)
– 15.4-W at 1 % THD+N (4 Ω, 12.6 V)
• 0.03 % THD+N at 1 W (4 Ω, VBAT = 12.6 V)
• 32-μVrms A-Weighted Idle Channel noise
• 90-dB PSRR with 200 mVPP Ripple at 20 - 20 kHz
• 82.5% Efficiency at 1 W (4 Ω, VBAT = 12.6 V)
• < 1 μA HW Shutdown VBAT Current
• 42 mW / 63 mW Idle Dissipation (8.4 V / 12.6 V)
• Speaker Voltage and Current Sense
• Real-Time Diagnostics Using I/V Speaker Sense
– Over Current
– Short Circuit(short to power, short to ground
and terminal-to-terminal short)
– Over-Temperature
• VBAT Tracking Peak Voltage Limiter with Brown
Out Prevention
• 44.1-kHz to 192-kHz Sample Rates
• Flexible User Interfaces
– I2S/TDM: 8 Channels (32-bit / 96 kHz)
– I2C: 8 selectable Addresses
• MCLK Free Operation
• Low Pop and Click
• Power Supplies
– VBAT: 4.5 V to 16 V
– AVDD: 1.8 V
• Spread-Spectrum Low EMI Mode
• Thermal and Over Current Protection

2 Applications
• Laptop Computers
• Bluetooth Speakers
• Home Automation
• Smart Speakers/IoT

3 Description
The TAS2770 is a mono, digital input Class-D
audio amplifier optimized for efficiently driving small
loudspeakers . The output power, protection features
and packages make TAS2770 a good choice
for Smart speakers, Bluetooth speakers, home
automation devices, Notebook computers and tablets.
The Class-D amplifier is capable of delivering 20W of
continuous power into a 4-Ω load at 16V and 15W
into an 8-Ω load at 16V both at 1% THD. The broad
voltage input range of 4.5-16V and the high output
power makes this amplifier versatile enough to work
with battery power or with line powered systems
A Brown-Out preventer tracks peak voltage and
automatically self-limits the gain to the voltage
available. This hardware implemented feature
reduces the amplifier’s demand on system power
preventing both audio cut out and system shutdown
The TAS2770 can be used as a conventional amp
or with host based speaker protection algorithms.
The integrated speaker voltage and current sense
provides for real time feedback of loudspeaker
conditions to the protection algorithms through a
return I2S path.
Up to eight devices can share a common bus via
either I2S/TDM + I2C.
The TAS2770 device is available in a 26-pin, 0.4-mm
pitch QFN for a compact PCB footprint.




Similar Part No. - TAS5770LC0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5770LC0 TI2-TAS5770LC0 Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED JULY 2023
TAS5770LC0YFFR TI2-TAS5770LC0YFFR Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED JULY 2023
TAS5770LC0YFFR.A TI2-TAS5770LC0YFFR.A Datasheet
3Mb / 100P
TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED JULY 2023
More results


Similar Description - TAS5770LC0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com