Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7236 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX7236 Datasheet PDF - Texas Instruments
Part # TMUX7236
Download  TMUX7236 Download
File Size   2138.77 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic

TMUX7236 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7236 Datasheet PDF - Texas Instruments

Part # TMUX7236
Download  TMUX7236 Click to download

File Size   2138.77 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic

TMUX7236 Datasheet (HTML) - Texas Instruments


TMUX7236 Product details

1 Features
• Latch-up immune
• Dual supply range: ±4.5 V to ±22 V
• Single supply range: 4.5 V to 44 V
• Low on-resistance: 2 Ω
• High current support: 330 mA (maximum) (WQFN)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation

2 Applications
• Gas meters
• Flow transmitters
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test
• Data acquisition systems
• Ultrasound scanners
• Optical networking
• Optical test equipment
• Remote radio units
• Wired networking
• Patient monitoring and diagnostics

3 Description
The TMUX7236 is a complementary metal-oxide
semiconductor (CMOS) switch with latch-up immunity
in a dual channel, 2:1 configuration. The device works
well with dual supplies (±5 V to ±22 V), a single
supply (5 V to 44 V), or asymmetric supplies (such
as VDD = 12 V, VSS = –5 V). The TMUX7236 supports
bidirectional analog and digital signals on the source
(Sx) and drain (D) pins ranging from VSS to VDD.
All logic control inputs support logic levels from
1.8 V to VDD, ensuring both TTL and CMOS
logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.




Similar Part No. - TMUX7236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7236 TI-TMUX7236 Datasheet
1Mb / 35P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
MARCH 2022
TMUX7236 TI1-TMUX7236 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
TMUX7236 TI1-TMUX7236 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
DECEMBER 2023
TMUX7236PWR TI1-TMUX7236PWR Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
DECEMBER 2023
TMUX7236RUMR TI1-TMUX7236RUMR Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results


Similar Description - TMUX7236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7219 TI-TMUX7219 Datasheet
2Mb / 38P
TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX7236 TI-TMUX7236 Datasheet
1Mb / 35P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
MARCH 2022
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 36P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
FEBRUARY 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com